Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M25P16-VMF6TG Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza M25P16-VMF6TG
Descripción Electrónicos  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6TG Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M25P16-VMF6TG Datasheet HTML 28Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 29Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 30Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 31Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 32Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 33Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 34Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 35Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
M25P16
32/39
Note: 1. tCH + tCL must be greater than or equal to 1/ fC
2. Value guaranteed by characterization, not 100% tested in production.
3. Expressed as a slew-rate.
4. Only applicable as a constraint for a WRSR instruction when SRWD is set at 1.
tSHQZ
2
tDIS
Output Disable Time
8
ns
tCLQV
tV
Clock Low to Output Valid
8
ns
tCLQX
tHO
Output Hold Time
0
ns
tHLCH
HOLD Setup Time (relative to C)
5
ns
tCHHH
HOLD Hold Time (relative to C)
5
ns
tHHCH
HOLD Setup Time (relative to C)
5
ns
tCHHL
HOLD Hold Time (relative to C)
5
ns
tHHQX
2
tLZ
HOLD to Output Low-Z
8
ns
tHLQZ
2
tHZ
HOLD to Output High-Z
8
ns
tWHSL
4
Write Protect Setup Time
20
ns
tSHWL
4
Write Protect Hold Time
100
ns
tDP
2
S High to Deep Power-down Mode
3
µs
tRES1
2
S High to Standby Mode without Electronic
Signature Read
30
µs
tRES2
2
S High to Standby Mode with Electronic
Signature Read
30
µs
tW
Write Status Register Cycle Time
5
15
ms
tPP
Page Program Cycle Time
1.4
5
ms
tSE
Sector Erase Cycle Time
1
3
s
tBE
Bulk Erase Cycle Time
17
40
s
Test conditions specified in Table 10. and Table 11.
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com