Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HZ2C3 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

No. de pieza HZ2C3
Descripción Electrónicos  Glass-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Página de inicio  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HZ2C3 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HZ2C3 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C3 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C3 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C3 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page:P4-P1
Glass-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
ZENER DIODES
FEATURES
• Low leakage, low zener impedance and maximum power dissipation
of 500 mW are ideally suited for stabilized power supply, etc.
• Wide spectrum from 1.6 V through 38 V of zener
voltage provide flexible application.
ABSOLUTE MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 55 to + 175
O
C
Characteristics at Ta = 25
(VF = 1 V Max. at IF = 100 mA)
Type
Zener Voltage
1)
Reverse Leakage Current
Dynamic Resistance
VZ
at lZT
IR
at VR
ZZT
at lZT
Min. (V)
Max. (V)
(mA)
Max. (µA)
(V)
Max. (Ω)
(mA)
HZ2A1
1.6
1.8
5
25
0.5
100
5
HZ2A2
1.7
1.9
5
25
0.5
100
5
HZ2A3
1.8
2
5
25
0.5
100
5
HZ2B1
1.9
2.1
5
5
0.5
100
5
HZ2B2
2
2.2
5
5
0.5
100
5
HZ2B3
2.1
2.3
5
5
0.5
100
5
HZ2C1
2.2
2.4
5
5
0.5
100
5
HZ2C2
2.3
2.5
5
5
0.5
100
5
HZ2C3
2.4
2.6
5
5
0.5
100
5
HZ3A1
2.5
2.7
5
5
0.5
100
5
HZ3A2
2.6
2.8
5
5
0.5
100
5
HZ3A3
2.7
2.9
5
5
0.5
100
5
HZ3B1
2.8
3
5
5
0.5
100
5
HZ3B2
2.9
3.1
5
5
0.5
100
5
HZ3B3
3
3.2
5
5
0.5
100
5
HZ3C1
3.1
3.3
5
5
0.5
100
5
HZ3C2
3.2
3.4
5
5
0.5
100
5
HZ3C3
3.3
3.5
5
5
0.5
100
5
HZ4A1
3.4
3.6
5
5
1
100
5
HZ4A2
3.5
3.7
5
5
1
100
5
HZ4A3
3.6
3.8
5
5
1
100
5
HZ4B1
3.7
3.9
5
5
1
100
5
HZ4B2
3.8
4
5
5
1
100
5
HZ4B3
3.9
4.1
5
5
1
100
5
HZ4C1
4
4.2
5
5
1
100
5
HZ4C2
4.1
4.3
5
5
1
100
5
HZ Series
27.5 Min
27.5 Min
3.9 Max
0.5 Max
1.9 Max
DO-35 Dimensions in millimeters


Número de pieza similar - HZ2C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HZ2C3 RENESAS-HZ2C3 Datasheet
55Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
Hitachi Semiconductor
HZ2C3 HITACHI-HZ2C3 Datasheet
45Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2C3 SECOS-HZ2C3 Datasheet
751Kb / 5P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZ2C3 SEMTECH_ELEC-HZ2C3 Datasheet
261Kb / 4P
SILICON EPITAXIAL PLANER ZENER DIODES
logo
Nanjing International G...
HZ2C3 DGNJDZ-HZ2C3 Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
More results

Descripción similar - HZ2C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GUANGDONG HOTTECH INDUS...
1N4728 HOTTECH-1N4728 Datasheet
494Kb / 3P
Glass-Encapsulate Diodes
1N4148 HOTTECH-1N4148 Datasheet
261Kb / 2P
Glass-Encapsulate Diodes
1N5221 HOTTECH-1N5221 Datasheet
772Kb / 3P
Glass-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAV100 HDSEMI-BAV100 Datasheet
1Mb / 5P
MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
MINI MELF Glass-Encapsulate Diodes
LLDB3 HDSEMI-LLDB3 Datasheet
1Mb / 4P
MINI MELF Glass-Encapsulate Diodes
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
MELF Glass-Encapsulate Diodes
ZMM55-SERIES HDSEMI-ZMM55-SERIES Datasheet
1Mb / 7P
MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60_18 Datasheet
1Mb / 4P
MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100_18 Datasheet
1Mb / 5P
MINI MELF Glass-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com