| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CM3842CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CM3842CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 12 page ![]() CM3842/3843 CURRENT MODE PWM CONTROLLER 2001/06/27 Advanced Champion Microelectronic Corporation Page 1 GENERAL DESCRIPTION FEATURES The CM3842/43 are fixed frequency current-mode PWM controllers specially designed for OFF-Line switching power supply and DC-to-DC converters with a minimum number of external components. These devices feature a trimmed oscillator for precise duty cycle control, a temperature compensated reference, high gain error amplifier, current sensing comparator, and high current totem pole output which is suitable for driving MOSFETs. The under voltage lock-out (U.V.L.O.) is designed to operated with 200 µA typ. start-up current, allowing an efficient bootstrap supply voltage design. The U.V.L.O. thresholds for the CM3842 are 16V (on) and 10V (off) which are ideal for off-line applications. The corresponding typical threshold for the CM3843 are 8.4V (on) and 7.6V (off). The CM3842/43 can operated within 100% duty cycle. ! Low Start-Up current ( typ. 200 µA) ! Optimized for Off-Line and DC-to-DC Converters ! Maximum Duty Cycle ! U.V.L.O. with Hysteresis ! Operating Frequency Up to 500KHz ! Internal Trimmed Bandgap Reference ! High Current Totem Pole Output ! Error Amplifier With Low Output Resistance ! Available in 8-Pin Plastic DIP and Surface Mount 8-Pin S.O.I.C. APPLICATIONS PIN CONFIGURATION ! Off-line flyback or forward converters. ! DC-to-DC buck or boost converter. ! Monitor Power Supply 8-Pin PDIP (Top View) AVAILABLE OPTIONS Device Start-UP Voltage Hysteresis Max. Duty Cycle CM3842 16V 6V < 100% CM3843 8.4V 0.8V < 100% 8-Pin S.O.I.C. (Top View) COMP VFB ISENSE VREF GND OUTPUT VCC RT/CT COMP VFB ISENSE VREF GND OUTPUT VCC RT/CT |