Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD25LQ128CSIGY Datasheet(PDF) 10 Page - ELM Electronics

No. de pieza GD25LQ128CSIGY
Descripción Electrónicos  128M-bit Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ128CSIGY Datasheet(HTML) 10 Page - ELM Electronics

Back Button GD25LQ128CSIGY Datasheet HTML 6Page - ELM Electronics GD25LQ128CSIGY Datasheet HTML 7Page - ELM Electronics GD25LQ128CSIGY Datasheet HTML 8Page - ELM Electronics GD25LQ128CSIGY Datasheet HTML 9Page - ELM Electronics GD25LQ128CSIGY Datasheet HTML 10Page - ELM Electronics GD25LQ128CSIGY Datasheet HTML 11Page - ELM Electronics GD25LQ128CSIGY Datasheet HTML 12Page - ELM Electronics GD25LQ128CSIGY Datasheet HTML 13Page - ELM Electronics GD25LQ128CSIGY Datasheet HTML 14Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
10
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ128CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
6. STATUS REGISTER
The status and control bits of the Status Register are as follows:
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register
progress. When WIP bit sets to 1, means the device is busy in program/erase/write status register progress, when
WIP bit sets 0, means the device is not in program/erase/write status register progress.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the
internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write Status
Register, Program or Erase command is accepted.
BP4, BP3, BP2, BP1, BP0 bits.
The Block Protect (BP4, BP3, BP2, BP1 and BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase commands. These bits are written with the Write Status Register
(WRSR) command. When the Block Protect (BP4, BP3, BP2, BP1, BP0) bits are set to 1, the relevant memory
area (as defined in Table1). becomes protected against Page Program (PP), Sector Erase (SE) and Block Erase
(BE) commands. The Block Protect (BP4, BP3, BP2, BP1 and BP0) bits can be written provided that the
Hardware Protected mode has not been set. The Chip Erase (CE) command is executed, if the Block Protect (BP2,
BP1 and BP0) bits and CMP are all 0 or all 1.
SRP1, SRP0 bits.
The Status Register Protect (SRP1 and SRP0) bits are non-volatile Read/Write bits in the status register. The
SRP bits control the method of write protection: software protection, hardware protection, power supply lock-
down or one time programmable protection.
S15
S14
S13
S12
S11
S10
S9
S8
SUS1
CMP
LB3
LB2
LB1
SUS2
QE
SRP1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
WIP
SRP1 SRP0 #WP
Status Register
Description
0
0
×
Software Protected The Status Register can be written to after a Write Enable
command, WEL=1.(Default)
0
1
0
Hardware Protected WP# = 0, the Status Register locked and can not be written to.
0
1
1
Hardware Unprotected WP# = 1, the Status Register is unlocked and can be written to
after a Write Enable command, WEL=1.
1
0
×
Power Supply
Lock-Down(1)
Status Register is protected and can not be written to again until
the next Power-Down, Power-Up cycle.
1
1
×
One Time Program(2) Status Register is permanently protected and can not be written to.
NOTE:
(1). When SRP1, SRP0=(1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
(2). This feature is available on special order. Please contact ELM for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com