| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATS667 Datasheet(PDF) 13 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS667 Datasheet(HTML) 13 Page - Allegro MicroSystems |
|
13 / 14 page ![]() True Zero-Speed, High Accuracy Gear Tooth Sensor IC ATS667LSG 13 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com 0.71±0.05 5.50±0.05 4.70±0.10 0.60±0.10 0.40±0.10 24.65±0.10 15.30±0.10 1.0 REF 0.71±0.10 0.71±0.10 1.60±0.10 1.27±0.10 5.50±0.10 8.00±0.05 5.80±0.05 1.70±0.10 24 3 1 A A D B For Reference Only, not for tooling use (reference DWG-9002) Dimensions in millimeters A B C C D E F F Dambar removal protrusion (16X) Metallic protrusion, electrically connected to pin 4 and substrate (both sides) Thermoplastic Molded Lead Bar for alignment during shipment E E2 E1 Hall elements (E1, E2), not to scale Active Area Depth, 0.43 mm Branded Face Standard Branding Reference View = Supplier emblem L = Lot identifier N = Last three numbers of device part number Y = Last two digits of year of manufacture W = Week of manufacture LLLLLLL YYWW NNN Branding scale and appearance at supplier discretion 0.38 +0.06 –0.04 2.20 Package SG, 4-Pin SIP |