| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX4230 Datasheet(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4230 Datasheet(HTML) 13 Page - Maxim Integrated Products |
|
13 / 18 page ![]() High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 ______________________________________________________________________________________ 13 Pin Configurations TOP VIEW IN2- IN2+ VSS 1 2 8 7 VDD OUT2 IN1- IN1+ OUT1 SOT23/ µMAX 3 4 6 5 MAX4232 1 2 3 4 5 10 9 8 7 6 VDD OUT2 IN2- IN2+ VSS IN1+ IN1- OUT1 MAX4233 µMAX SHDN2 SHDN1 VSS OUT IN- 16 VDD 5 IN+ SC70/SOT23 2 34 SHDN MAX4231 14 13 12 11 10 9 8 1 2 3 4 5 6 7 OUT4 IN4- IN4+ VSS VDD IN1+ IN1- OUT1 MAX4234 IN3+ IN3- OUT3 OUT2 IN2- IN2+ TSSOP/SO VSS OUT IN- 1 5 VDD IN+ MAX4230 SOT23/SC70 2 3 4 OUT1 VDD OUT2 IN1- IN2- IN1+ IN2+ VSS SHDN1 SHDN2 UCSP C1 B1 A1 A2 A3 A4 B4 C2 C3 C4 MAX4233 Power Supplies and Layout The MAX4230–MAX4234 can operate from a single 2.7V to 5.5V supply, or from dual ±1.35V to ±2.5V sup- plies. For single-supply operation, bypass the power supply with a 0.1µF ceramic capacitor. For dual-supply operation, bypass each supply to ground. Good layout improves performance by decreasing the amount of stray capacitance at the op amps’ inputs and outputs. Decrease stray capacitance by placing external com- ponents close to the op amps’ pins, minimizing trace and lead lengths. Ordering Information (continued) PART TEMP RANGE PIN- PACKAGE TOP MARK MAX4232AKA-T -40°C to +125°C 8 SOT23-8 AAKW MAX4232AUA -40°C to +125°C 8 µMAX — MAX4233AUB -40°C to +125°C 10 µMAX — MAX4233ABC-T -40°C to +125°C 10 UCSP-10 ABE MAX4234AUD -40°C to +125°C 14 TSSOP — MAX4234ASD -40°C to +125°C 14 SO — Chip Information MAX4230 TRANSISTOR COUNT: 230 MAX4231 TRANSISTOR COUNT: 230 MAX4232 TRANSISTOR COUNT: 462 MAX4233 TRANSISTOR COUNT: 462 MAX4234 TRANSISTOR COUNT: 924 |