Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A25QFO080QL Datasheet(PDF) 22 Page - AMIC Technology

No. de pieza A25QFO080QL
Descripción Electrónicos  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL Datasheet(HTML) 22 Page - AMIC Technology

Back Button A25QFO080QL Datasheet HTML 18Page - AMIC Technology A25QFO080QL Datasheet HTML 19Page - AMIC Technology A25QFO080QL Datasheet HTML 20Page - AMIC Technology A25QFO080QL Datasheet HTML 21Page - AMIC Technology A25QFO080QL Datasheet HTML 22Page - AMIC Technology A25QFO080QL Datasheet HTML 23Page - AMIC Technology A25QFO080QL Datasheet HTML 24Page - AMIC Technology A25QFO080QL Datasheet HTML 25Page - AMIC Technology A25QFO080QL Datasheet HTML 26Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
21
AMIC Technology Corp.
Read Data Bytes at Higher Speed by Quad Output (FAST_READ_QUAD_OUTPUT)
The FAST_READ_QUAD_OUTPUT (6Bh) instruction is
similar to the FAST_READ (0Bh) instruction except the data
is output on four pins (IO0, IO1, IO2, IO3), instead of just DO.
This allows data to be transferred from the A25LQ080 at
quadruple the rate of standard SPI devices.
Similar
to
the
FAST_READ
instruction,
the
FAST_READ_QUAD_OUTPUT instruction can operate at
the highest possible frequency of fC (See AC Characteristics).
This is accomplished by adding eight “dummy” clocks after
the 24-bit address as shown in figure 11. The dummy clocks
allow the device’s internal circuits additional time for setting
up the initial address. The input data during the dummy
clocks is “don’t care”. However, the IO pins should be
high-impedance prior to the falling edge of the first data out
clock.
Figure 11. FAST_READ_QUAD_OUTPUT Instruction Sequence and Data-Out Sequence
Instruction (6Bh)
High Impedance
MSB
810
9
01 2 3 4 5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
5
0
S
C
IO0
S
C
32 33 34 35 36 37 38 39
65 4
1
7
3
40 41 42 43 44 45 46 47
20
Dummy Byte
1
5 1 51 51 5
4 0 4 0 4 0 4 0
IO switches from input to output
IO1,2,3
IO0
IO1
6
2
6 2 62 62 6
IO2
7
3
7 3 73 73 7
Data Out 1Data Out 2Data Out 3Data Out 4
IO3
4
Note: Address bits A23 to A20 are Don’t Care, for A25LQ080.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com