Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A25GFO080QL Datasheet(PDF) 16 Page - AMIC Technology

No. de pieza A25GFO080QL
Descripción Electrónicos  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFO080QL Datasheet(HTML) 16 Page - AMIC Technology

Back Button A25GFO080QL Datasheet HTML 12Page - AMIC Technology A25GFO080QL Datasheet HTML 13Page - AMIC Technology A25GFO080QL Datasheet HTML 14Page - AMIC Technology A25GFO080QL Datasheet HTML 15Page - AMIC Technology A25GFO080QL Datasheet HTML 16Page - AMIC Technology A25GFO080QL Datasheet HTML 17Page - AMIC Technology A25GFO080QL Datasheet HTML 18Page - AMIC Technology A25GFO080QL Datasheet HTML 19Page - AMIC Technology A25GFO080QL Datasheet HTML 20Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
15
AMIC Technology Corp.
SUS bit.
The Suspend Status (SUS) bit is a volatile read only
bit in the status register (b15) which is set to 1 after executing
a Program/Erase Suspend instruction. The SUS bit is cleared
to 0 by Program/Erase Resume instruction as well as a
power-down, power-up cycle.
Note
:
1.
When APT is 0, BP2, BP1, BP0 won’t be changed after
power-on.
2.
When APT is 1 and CMP is 0, all BP2, BP1, BP0 will be
set to 1 after power-on.
3. When APT is 1 and CMP is 1, all BP2, BP1, BP0 will be
set to 0 after power-on.
Figure 5. Read Status Register (RDSR) Instruction Sequence and Data-Out Sequence
0
1
2
3
4
5
6
7
810
911 12 13 14 15
MSB
MSB
Status Register 1 or 2 Out
Status Register 1 or 2 Out
High Impedance
Instruction (05h or 35h)
0 1 234 5 6 7
0
1
2
3
4
5
6
77
S
DI
DO
16 17 18 19 20 21 22 23
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com