Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A25QBO080QL Datasheet(PDF) 31 Page - AMIC Technology

No. de pieza A25QBO080QL
Descripción Electrónicos  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL Datasheet(HTML) 31 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 27Page - AMIC Technology A25QBO080QL Datasheet HTML 28Page - AMIC Technology A25QBO080QL Datasheet HTML 29Page - AMIC Technology A25QBO080QL Datasheet HTML 30Page - AMIC Technology A25QBO080QL Datasheet HTML 31Page - AMIC Technology A25QBO080QL Datasheet HTML 32Page - AMIC Technology A25QBO080QL Datasheet HTML 33Page - AMIC Technology A25QBO080QL Datasheet HTML 34Page - AMIC Technology A25QBO080QL Datasheet HTML 35Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
30
AMIC Technology Corp.
Block Erase (BE)
The Block Erase (BE) instruction sets to 1 (FFh) all bits inside
the chosen block. Before it can be accepted, a Write Enable
(WREN) instruction must previously have been executed.
After the Write Enable (WREN) instruction has been decoded,
the device sets the Write Enable Latch (WEL).
The Block Erase (BE) instruction is entered by driving Chip
Select ( S ) Low, followed by the instruction code on Serial
Data Input (DI). Chip Select ( S ) must be driven Low for the
entire duration of the sequence.
The instruction sequence is shown in Figure 20. Chip Select
( S ) must be driven High after the eighth bit of the instruction
code has been latched in, otherwise the Block Erase
instruction is not executed. As soon as Chip Select ( S ) is
driven High, the self-timed Block Erase cycle (whose duration
is tBE) is initiated. While the Block Erase cycle is in progress,
the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit
is 1 during the self-timed Block Erase cycle, and is 0 when it
is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset.
A Block Erase (BE) instruction applied to a page which is
protected by the Block Protect (CMP, SEC, TB, BP2, BP1,
BP0) bits (see table 1) is not executed.
Figure 20. Block Erase (BE) Instruction Sequence
Instruction (D8h or 52h)
MSB
810
9
0 1 234 5 6 7
24-Bit Address
28 29 30 31
23
S
C
DI
22 21
3 21 00
23
Note: Address bits A23 to A20 are Don’t Care, for A25LQ080.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com