Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A25QBM080QL Datasheet(PDF) 3 Page - AMIC Technology

No. de pieza A25QBM080QL
Descripción Electrónicos  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBM080QL Datasheet(HTML) 3 Page - AMIC Technology

  A25QBM080QL Datasheet HTML 1Page - AMIC Technology A25QBM080QL Datasheet HTML 2Page - AMIC Technology A25QBM080QL Datasheet HTML 3Page - AMIC Technology A25QBM080QL Datasheet HTML 4Page - AMIC Technology A25QBM080QL Datasheet HTML 5Page - AMIC Technology A25QBM080QL Datasheet HTML 6Page - AMIC Technology A25QBM080QL Datasheet HTML 7Page - AMIC Technology A25QBM080QL Datasheet HTML 8Page - AMIC Technology A25QBM080QL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
2
AMIC Technology Corp.
Pin Descriptions
Notes:
(1) IO0 and IO1 are used for Dual and Quad Instructions
(2) IO0 ~ IO3 are used for Quad Instructions
Block Diagram
I/O Shift Register
Control Logic
High Voltage
Generator
Address register
and Counter
256 Byte
Data Buffer
Status
Register
X Decoder
256 Byte (Page Size)
Size of the
memory area
DI (IO0)
DO (IO1)
C
0000FFh
000000h
HOLD (IO3)
W (IO2)
S
FFFFFh (8M)
64 OTP bytes
Pin No.
Pin Name
I/O
Description
1
S
I
Chip Select Input
2
DO (IO1)
I/O
Data Output (Data Input Output 1)
(1)
3
W (IO2)
I/O
Write Protect Input (Data Input Output 2)
(2)
4
VSS
Ground
5
DI (IO0)
I/O
Data Input (Data Input Output 0)
(1)
6
C
I
Serial Clock Input
7
HOLD (IO3)
I/O
Hold Input (Data Input Output 3)
(2)
8
VCC
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com