| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP1253T-ADJE/MS Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1253T-ADJE/MS Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 20 page ![]() 2002-2014 Microchip Technology Inc. DS20001752C-page 9 MCP1252/3 4.0 DEVICE OVERVIEW 4.1 Theory of Operation The MCP1252 and MCP1253 family of devices employ a switched capacitor charge pump to buck or boost an input supply voltage (VIN) to a regulated output voltage. Referring to the Functional Block Diagram and Figure 4-1, the devices perform conversion and regulation in three phases. When the devices are not in shutdown mode and a steady-state condition has been reached, the three phases are continuously cycled through. The first phase transfers charge from the input to the flying capacitor (CFLY) connected to pins C+ and C-. This phase always occurs for half of the internal oscillator period. During this phase, switches S1 and S2 are closed. Once the first phase is complete, all switches are opened and the second phase (idle phase) is entered. The device compares the internal or external feedback voltage with an internal reference. If the feedback volt- age is below the regulation point, the device transitions to the third phase. The third phase transfers energy from the flying capac- itor to the output capacitor connected to VOUT and the load. If regulation is maintained, the device returns to the idle phase. If the charge transfer occurs for half the internal oscillator period, more charge is needed in the flying capacitor and the device transitions back to the first phase. The regulation control is hysteretic, otherwise referred to as a bang-bang control. The output is regulated around a fixed reference with some hysteresis. As a result, typically 50 mV of peak-to-peak ripple will be observed at the output independent of load current. The frequency of the output ripple, however, will be influenced heavily by the load current and output capacitance. The maximum frequency that will be observed is equal to the internal oscillator frequency. The devices automatically transition between buck or boost operation. This provides a low-cost, compact and simple solution for step-down/step-up DC/DC conversion. This is especially true for battery-operated applications that require a fixed output above or below the input. FIGURE 4-1: Flow Algorithm. START PHASE 1: Charge Transfer From VIN to CFLY PHASE 2: Idle State VFB > VREF PHASE 3: Charge Transfer From CFLY to COUT No Yes No Yes Yes No No Yes VFB > VREF t 1 1 2FOSC ---------------- = t 3 1 2FOSC ---------------- = |