Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP1632-BAE/MS Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza MCP1632-BAE/MS
Descripción Electrónicos  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP1632-BAE/MS Datasheet HTML 1Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 2Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 3Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 4Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 5Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 6Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 7Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 8Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 5
MCP1632
Error Amplifier
Source Current
ISOURCE
46
—
mA
VIN =5V, VREF =1.2V,
VFB = 1.0V, VCOMP =2.0V,
Absolute Value
Current Sense Input
Maximum Current Sense
Signal
VCS_MAX
0.8
0.9
0.97
V
Set by maximum error amplifier
clamp voltage, divided by 3
(Note 1)
Blanking Time
TBLANK
80
100
130
ns
Note 1
Delay from CS to VEXT
TCS_VEXT
—
—
35
ns
Excluding the blanking time
(Note 1)
Current Sense Input Bias
Current
ICS_B
—-0.1
—
µA
Note 1
PWM Section
Minimum Duty Cycle
DCMIN
——
0%
VFB =VREF + 0.1V, VCS =GND
(Note 1)
Maximum Duty Cycle
DCMAX
80
85
95
%
Slope Compensation Ramp Generator
Ramp Amplitude
VRAMP
0.8
0.9
1
VPP
Refer to Section 4.6 “Slope
Compensation”
for details.
DC Offset Low
—
0.15
0.32
0.45
V
Refer to Section 4.6 “Slope
Compensation”
for details.
DC Offset High
—
1.12
1.22
1.32
V
Refer to Section 4.6 “Slope
Compensation”
for details.
Ramp Generator Output
Impedance
ZRG
5.5
6
6.5
k
Refer to Section 4.6 “Slope
Compensation”
for details.
Internal Driver
RDSon P-channel
RDSon_P
—10
30
RDSon N-channel
RDSon_N
—7
30
VEXT Rise Time
TRISE
——
18
ns
CL = 100 pF
Typical for VIN =3V (Note 1)
VEXT Fall Time
TFALL
——
18
ns
CL = 100 pF
Typical for VIN =3V (Note 1)
Protection Features
Undervoltage Lockout
UVLO
2.6
—
2.9
V
VIN falling,
VEXT low state when in UVLO
Undervoltage Lockout
Hysteresis
UVLOHYS
50
110
180
mV
Thermal Shutdown
TSHD
—150
—°C
Note 1
Thermal Shutdown
Hysteresis
TSHD_HYS
—20
—
°C
Note 1
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC =300 kHz, CIN =0.1 µF,
VIN for typical values = 5.0V, TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Ensured by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com