Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP2050-E/P Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza MCP2050-E/P
Descripción Electrónicos  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/P Datasheet(HTML) 4 Page - Microchip Technology

  MCP2050-E/P Datasheet HTML 1Page - Microchip Technology MCP2050-E/P Datasheet HTML 2Page - Microchip Technology MCP2050-E/P Datasheet HTML 3Page - Microchip Technology MCP2050-E/P Datasheet HTML 4Page - Microchip Technology MCP2050-E/P Datasheet HTML 5Page - Microchip Technology MCP2050-E/P Datasheet HTML 6Page - Microchip Technology MCP2050-E/P Datasheet HTML 7Page - Microchip Technology MCP2050-E/P Datasheet HTML 8Page - Microchip Technology MCP2050-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MCP2050
DS20002299C-page 4
 2012-2014 Microchip Technology Inc.
1.1.1
POWER-ON-RESET MODE
Upon application of VBB, or whenever the voltage on
VBB is below the threshold of regulator turn-off voltage
VOFF (typically. 4.50V), the device enters Power-On
Reset mode (POR). During this mode, the device
maintains the digital section in a reset mode and waits
until the voltage on pin VBB rises above the threshold of
regulator turn-on voltage VON (typically 5.75V) to enter
into Ready mode. In Power-On-Reset mode, the LIN
physical layer and voltage regulator are disabled, and
RESET output is forced to low.
1.1.2
READY MODE
The device enters Ready mode from POR mode after
the voltage on VBB rises above the threshold of
regulator turn-on voltage VON or from Power-Down
mode when a remote or local wake-up event happens.
Upon entering Ready mode, the voltage regulator and
receiver section of the transceiver are powered up. The
transmitter remains in off state. The device is ready to
receive data but not to transmit. In order to minimize the
power consumption, the regulator operates in a
reduced-power mode. It has a lower GBW product and
thus is slower. However, the 70 mA drive capability is
unchanged.
The device stays in Ready mode until the output of the
voltage regulator has stabilized and the CS/LWAKE pin
is high (‘1’).
1.1.3
OPERATION MODE
If VREG is OK (VREG > 0.8 VREG_NOM), CS/LWAKE
pin, FAULT/TXE pin and TXD pin are high, the part
enters the Operation mode from either Ready or
Transmitter Off mode.
In this mode, all internal modules are operational. The
internal pull-up resistor between LBUS and VBB is
connected only in this mode.
The device goes into the Power-Down mode at the fall-
ing edge on CS/LWAKE; or to the Transmitter Off mode
at the falling on FAULT/TXE while CS/LWAKE stays high.
1.1.4
TRANSMITTER OFF MODE
In Transmitter Off mode, the receiver is enabled but the
LBUS transmitter is off. It is a lower-power mode.
In order to minimize the power consumption, the
window watchdog timer is disabled and the regulator
operates in a reduced-power mode. It has a lower
GBW product and thus is slower. However, the 70 mA
drive capability is unchanged.
The transmitter may be re-enabled whenever the
FAULT/TXE signal returns high, by removing the
internal fault condition and the CPU returning the
FAULT/TXE high. The transmitter will not be enabled
even if the FAULT/TXE pin is brought high externally,
when the internal fault is still present. However,
externally forcing the FAULT/TXE high, while the
internal fault is still present, should be avoided since
this will induce high current and power dissipation in
the FAULT/TXE pin.
The transmitter is also turned off whenever the voltage
regulator is unstable or recovering from a fault. This
prevents unwanted disruption of the bus during times of
uncertain operation.
1.1.5
POWER-DOWN MODE
In Power-Down mode, the transceiver and the voltage
regulator are both off. Only the Bus Wake-up section
and the CS/LWAKE pin wake-up circuits are in opera-
tion. This is the lowest-power mode.
If any bus activity (e.g. a BREAK character) occurs
during Power-Down mode, the device will immediately
enter Ready mode and enable the voltage regulator.
Then, once the regulator output has stabilized (approx-
imately 0.3 ms to 1.2 ms) it goes to Operation mode.
Refer to Section 1.1.6 “Remote Wake-up” for more
details.
The part will also enter Ready mode from Power-Down
mode, followed by Operation mode, if the CS/LWAKE
pin becomes active high (‘1’).
1.1.6
REMOTE WAKE-UP
The remote wake-up sub module observes the LBUS in
order to detect bus activity. In Power-Down mode, nor-
mal LIN recessive/dominant threshold is disabled, and
the LIN bus Wake-Up Voltage Threshold VWK(LBUS) is
used to detect bus activities. Bus activity is detected
when the voltage on the LBUS falls below the LIN bus
Wake-Up Voltage Threshold VWK(LBUS) (approximately
3.4V) for at least tBDB (a typical duration of 80 µs) fol-
lowed by a rising edge. Such a condition causes the
device to leave Power-Down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40