Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP2221-I/ML Datasheet(PDF) 47 Page - Microchip Technology

No. de pieza MCP2221-I/ML
Descripción Electrónicos  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 43Page - Microchip Technology MCP2221-I/ML Datasheet HTML 44Page - Microchip Technology MCP2221-I/ML Datasheet HTML 45Page - Microchip Technology MCP2221-I/ML Datasheet HTML 46Page - Microchip Technology MCP2221-I/ML Datasheet HTML 47Page - Microchip Technology MCP2221-I/ML Datasheet HTML 48Page - Microchip Technology MCP2221-I/ML Datasheet HTML 49Page - Microchip Technology MCP2221-I/ML Datasheet HTML 50Page - Microchip Technology MCP2221-I/ML Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 47
MCP2221
11
GP2 output value status
0xEE
If GP2 is not set for GPIO operation
Any other
value
If GP2 is already set for GPIO operation, the value will be copied from
the same byte index in the command structure
12
Alter GP2 pin direction
(enable/disable)
0xEE
If GP2 is not set for GPIO operation
Any other
value
If GP2 is already set for GPIO operation, the value will be copied from
the same byte index in the command structure
13
GP2 pin direction
(input or output)
0xEE
If GP2 is not set for GPIO operation
Any other
value
If GP2 is already set for GPIO operation, the value will be copied from
the same byte index in the command structure
14
Alter GP3 output
(enable/disable) status
0xEE
If GP3 is not set for GPIO operation
Any other
value
If GP3 is already set for GPIO operation, the value will be copied from
the same byte index in the command structure
15
GP3 output value status
0xEE
If GP3 is not set for GPIO operation
Any other
value
If GP3 is already set for GPIO operation, the value will be copied from
the same byte index in the command structure
16
Alter GP3 pin direction
(enable/disable)
0xEE
If GP3 is not set for GPIO operation
Any other
value
If GP3 is already set for GPIO operation, the value will be copied from
the same byte index in the command structure
17
GP3 pin direction
(input or output)
0xEE
If GP3 is not set for GPIO operation
Any other
value
If GP3 is already set for GPIO operation, the value will be copied from
the same byte index in the command structure
18-63
Don’t
care
TABLE 3-33:
RESPONSE 1 STRUCTURE (CONTINUED)
Byte
Index
Function
Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80