| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMS320LC2402APGS Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC2402APGS Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145L − JULY 2000 − REVISED SEPTEMBER 2007 11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 pin functions The TMS320LF2407A device is the superset of all the 240xA devices. All signals are available on the 2407A device. Table 2 lists the signals available in the 240xA generation of devices. Table 2. LF240xA and LC240xA Pin List and Package Options†‡ PIN NAME LF2407A (144-PGE) 2406A (100-PZ) LC2404A (100-PZ) 2403A, LC2402A (64-PAG) and 2402A (64-PG) DESCRIPTION EVENT MANAGER A (EVA) CAP1/QEP1/IOPA3 83 57 57 4 Capture input #1/quadrature encoder pulse input #1 (EVA) or GPIO (↑) CAP2/QEP2/IOPA4 79 55 55 3 Capture input #2/quadrature encoder pulse input #2 (EVA) or GPIO (↑) CAP3/IOPA5 75 52 52 2 Capture input #3 (EVA) or GPIO (↑) PWM1/IOPA6 56 39 39 59 Compare/PWM output pin #1 (EVA) or GPIO (↑) PWM2/IOPA7 54 37 37 58 Compare/PWM output pin #2 (EVA) or GPIO (↑) PWM3/IOPB0 52 36 36 57 Compare/PWM output pin #3 (EVA) or GPIO (↑) PWM4/IOPB1 47 33 33 54 Compare/PWM output pin #4 (EVA) or GPIO (↑) PWM5/IOPB2 44 31 31 53 Compare/PWM output pin #5 (EVA) or GPIO (↑) PWM6/IOPB3 40 28 28 50 Compare/PWM output pin #6 (EVA) or GPIO (↑) T1PWM/T1CMP/IOPB4 16 12 12 40 Timer 1 compare output (EVA) or GPIO (↑) T2PWM/T2CMP/IOPB5 18 13 13 41 Timer 2 compare output (EVA) or GPIO (↑) TDIRA/IOPB6 14 11 11 Counting direction for general-purpose (GP) timer (EVA) or GPIO. If TDIRA = 1, upward counting is selected. If TDIRA = 0, downward counting is selected. (↑) TCLKINA/IOPB7 37 26 26 49 External clock input for GP timer (EVA) or GPIO. Note that the timer can also use the internal device clock. (↑) EVENT MANAGER B (EVB) CAP4/QEP3/IOPE7 88 60 60 Capture input #4/quadrature encoder pulse input #3 (EVB) or GPIO (↑) CAP5/QEP4/IOPF0 81 56 56 Capture input #5/quadrature encoder pulse input #4 (EVB) or GPIO (↑) CAP6/IOPF1 69 48 48 Capture input #6 (EVB) or GPIO (↑) PWM7/IOPE1 65 45 45 Compare/PWM output pin #7 (EVB) or GPIO (↑) PWM8/IOPE2 62 43 43 Compare/PWM output pin #8 (EVB) or GPIO (↑) PWM9/IOPE3 59 41 41 Compare/PWM output pin #9 (EVB) or GPIO (↑) PWM10/IOPE4 55 38 38 Compare/PWM output pin #10 (EVB) or GPIO (↑) PWM11/IOPE5 46 32 32 Compare/PWM output pin #11 (EVB) or GPIO (↑) PWM12/IOPE6 38 27 27 Compare/PWM output pin #12 (EVB) or GPIO (↑) † Bold, italicized pin names indicate pin function after reset. ‡ GPIO − General-purpose input/output pin. All GPIOs come up as input after reset. § It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy and improve the noise immunity of the ADC. ¶ Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high # No power supply pin (VDD, VDDO, VCCA, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper device operation. LEGEND: ↑ − Internal pullup ↓ − Internal pulldown (Typical active pullup/pulldown value is ±16 µA.) |