| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMS320C6745DPTP3 Datasheet(PDF) 75 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 Datasheet(HTML) 75 Page - Texas Instruments |
|
75 / 227 page ![]() TMS320C6745, TMS320C6747 www.ti.com SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014 6.7 Interrupts The C6745/6747 devices have a large number of interrupts to service the needs of its many peripherals and subsystems. 6.7.1 DSP Interrupts The C674x DSP interrupt controller combines device events into 12 prioritized interrupts. The source for each of the 12 CPU interrupts is user programmable and is listed in Table 6-6. Also, the interrupt controller controls the generation of the CPU exception, NMI, and emulation interrupts. Table 6-7 summarizes the C674x interrupt controller registers and memory locations. Table 6-6. C6745/6747 DSP Interrupts EVT# INTERRUPT NAME SOURCE 0 EVT0 C674x Int Ctl 0 1 EVT1 C674x Int Ctl 1 2 EVT2 C674x Int Ctl 2 3 EVT3 C674x Int Ctl 3 4 T64P0_TINT12 Timer64P0 - TINT12 5 SYSCFG_CHIPINT2 SYSCFG_CHIPSIG Register 6 PRU_EVTOUT0 PRU Interrupt 7 EHRPWM0 HiResTimer/PWM0 Interrupt 8 EDMA3_CC0_INT1 EDMA3 Channel Controller 0 Region 1 interrupt 9 EMU-DTDMA C674x-ECM 10 EHRPWM0TZ HiResTimer/PWM0 Trip Zone Interrupt 11 EMU-RTDXRX C674x-RTDX 12 EMU-RTDXTX C674x-RTDX 13 IDMAINT0 C674x-EMC 14 IDMAINT1 C674x-EMC 15 MMCSD_INT0 MMCSD MMC/SD Interrupt 16 MMCSD_INT1 MMCSD SDIO Interrupt 17 PRU_EVTOUT1 PRU Interrupt 18 EHRPWM1 HiResTimer/PWM1 Interrupt 19 USB0_INT USB0 Interrupt 20 USB1_HCINT USB1 OHCI Host Controller Interrupt 21 USB1_RWAKEUP USB1 Remote Wakeup Interrupt 22 PRU_EVTOUT2 PRU Interrupt 23 EHRPWM1TZ HiResTimer/PWM1 Trip Zone Interrupt 24 EHRPWM2 HiResTimer/PWM2 Interrupt 25 EHRPWM2TZ HiResTimer/PWM2 Trip Zone Interrupt 26 EMAC_C0RXTHRESH EMAC - Core 0 Receive Threshold Interrupt 27 EMAC_C0RX EMAC - Core 0 Receive Interrupt 28 EMAC_C0TX EMAC - Core 0 Transmit Interrupt 29 EMAC_C0MISC EMAC - Core 0 Miscellaneous Interrupt 30 EMAC_C1RXTHRESH EMAC - Core 1 Receive Threshold Interrupt 31 EMAC_C1RX EMAC - Core 1 Receive Interrupt 32 EMAC_C1TX EMAC - Core 1 Transmit Interrupt 33 EMAC_C1MISC EMAC - Core 1 Miscellaneous Interrupt 34 UHPI_DSPINT UHPI DSP Interrupt 35 PRU_EVTOUT3 PRU Interrupt 36 IIC0_INT I2C0 Copyright © 2008–2014, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 75 Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |