Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ABBTM-NVC-MDCS71 Datasheet(PDF) 3 Page - Abracon Corporation

No. de pieza ABBTM-NVC-MDCS71
Descripción Electrónicos  Low Power Bluetooth Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABRACON [Abracon Corporation]
Página de inicio  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-NVC-MDCS71 Datasheet(HTML) 3 Page - Abracon Corporation

  ABBTM-NVC-MDCS71 Datasheet HTML 1Page - Abracon Corporation ABBTM-NVC-MDCS71 Datasheet HTML 2Page - Abracon Corporation ABBTM-NVC-MDCS71 Datasheet HTML 3Page - Abracon Corporation ABBTM-NVC-MDCS71 Datasheet HTML 4Page - Abracon Corporation ABBTM-NVC-MDCS71 Datasheet HTML 5Page - Abracon Corporation ABBTM-NVC-MDCS71 Datasheet HTML 6Page - Abracon Corporation ABBTM-NVC-MDCS71 Datasheet HTML 7Page - Abracon Corporation ABBTM-NVC-MDCS71 Datasheet HTML 8Page - Abracon Corporation ABBTM-NVC-MDCS71 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low Power Bluetooth Module
Pb
ABRACON IS
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
| | | | | | | | | | | | | | |
ABBTM-NVC-MDCS71
RoHS/RoHS II compliant
19.5 x 12.5 x 2.4 mm SMT
ELECTRICAL CHARACTERISTICS
Absolute Maximum Rating
* Short-term operation up to a maximum of 10% of product lifetime is permissible without damage, but output regulation and
other specifications are not guaranteed in excess of 4.2V.
Recommended Operating Conditions
Operating Condition
Min
Typ
Max
Unit
Operating Temperature Range
-30
+85
°C
Battery (VDD_BAT) operation
1.8
+3.6
V
I/O Supply Voltage (VDD_PIO)
1.2
+3.6
V
Power Consumptions
The current consumption are measured at the VDD_BAT.
Mode
Description
Total typical current at
3V (average)
Dormant
All functions are shutdown. To wake up toggle
the WAKE pin
<600nA
Hibernate
All functions are shutdown except for the sleep
clock. The module can wake up on a timer on the
sleep clock.
<1.5uA
Fast Advertising
In 30 second after Power on VDD=3.3V
0.8mA
Slow Advertising
In 3 minutes after fast advertising VDD=3.3V
6uA
Standby (no connect)
VDD=3.3V ,VDD_PIO=3.3v
5uA
Standby (connect)
VDD=3.3V ,VDD_PIO=3.3v
8uA
Transmit data
VDD=3.3V VDD_PIO=3.3V
1mA
RF RX /TX active (0dBm) *
VDD=3.3V VDD_PIO=3.3V
~16mA peak
* Note: The TX power of the module can be increased by firmware to a maximum of 4dBm and the peak current is around
28mA.
Rating
Min
Max
Unit
Storage Temperature
-40
+85
°C
Battery (VDD_BAT) operation*
1.8
3.6
V
I/O supply voltage
-0.4
+3.6
V
Other Terminal Voltages except RF
Vss-0.4
VDD+0.4
V
RoHS
ABBTM- NVC-MDCS71
FCC ID: OC3BM1871
DC: 1326
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3 4 5 6 7 8 9 10