| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE2037AIP Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2037AIP Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 46 page ![]() TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 description (continued) The ac performance of the TLE2027 and TLE2037 is highlighted by a typical unity-gain bandwidth specification of 15 MHz, 55° of phase margin, and noise voltage specifications of 3.3 nV/√Hz and 2.5 nV/√Hz at frequencies of 10 Hz and 1 kHz respectively. The TLE2037 and TLE2037A have been decompensated for faster slew rate (−7.5 V/μs, typical) and wider bandwidth (50 MHz). To ensure stability, the TLE2037 and TLE2037A should be operated with a closed-loop gain of 5 or greater. Both the TLE20x7 and TLE20x7A are available in a wide variety of packages, including the industry-standard 8-pin small-outline version for high-density system applications. The C-suffix devices are characterized for operation from 0°C to 70°C. The I-suffix devices are characterized for operation from −40°C to 105°C. The M-suffix devices are characterized for operation over the full military temperature range of −55°C to 125°C. symbol OUT OFFSET N2 IN − IN + OFFSET N1 − + |