| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP3987 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3987 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 21 page ![]() LP3987 SNVS164G – OCTOBER 2001 – REVISED MAY 2013 www.ti.com Block Diagram Figure 1. LP3987 Connection Diagram Figure 2. Top View 5 I/O DSBGA Package See Package Number YZR0005ADA PIN DESCRIPTIONS Name Pin(1) Function VEN A1 Enable Input Logic, Enable High GND B2 Common Ground VOUT C1 Output voltage of the LDO VIN C3 Input voltage of the LDO MODE A3 Power Mode Control, Active = 1, Sleep Mode = 0 (1) The pin numbering scheme for the DSBGA package was revised in April, 2002 to conform to JEDEC standard. Only the pin numbers were revised. No changes to the physical location of the inputs/outputs were made. For reference purposes, the obsolete numbering scheme had VEN as pin 1, GND as pin 2, VOUT as pin 3, VIN as pin 4, and MODE as pin 5. 2 Submit Documentation Feedback Copyright © 2001–2013, Texas Instruments Incorporated Product Folder Links: LP3987 |