Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP3954RL/NOPB Datasheet(PDF) 45 Page - Texas Instruments

No. de pieza LP3954RL/NOPB
Descripción Electrónicos  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 41Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 42Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 43Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 44Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 45Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 46Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 47Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 48Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
EXT_PWM_CONTROL (07H) – EXTERNAL PWM CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
wled1_4_pwm
wled5_6_pwm
r1_pwm
g1_pwm
b1_pwm
r2_pwm
g2_pwm
b2_pwm
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
0 – WLED1…WLED4 PWM control disabled
wled1_4_pwm
Bit 7
1 – WLED1…WLED4 PWM control enabled
0 – WLED5, WLED6 PWM control disabled
wled5_6_pwm
Bit 6
1 – WLED5, WLED6 PWM control enabled
0 – R1 PWM control disabled
r1_pwm
Bit 5
1 – R1 PWM control enabled
0 – G1 PWM control disabled
g1_pwm
Bit 4
1 – G1 PWM control enabled
0 – RB PWM control disabled
b1_pwm
Bit 3
1 – B1 PWM control enabled
0 – R2 PWM control disabled
r2_pwm
Bit 2
1 – R2 PWM control enabled
0 – G2 PWM control disabled
g2_pwm
Bit 1
1 – G2 PWM control enabled
0 – B2 PWM control disabled
b2_pwm
Bit 0
1 – B2 PWM control enabled
WLED CONTROL (08H) – WLED CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
slope
fade_sel
en_fade
displ
en_w1_4
en_w5_6
r-0
r-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
0 – fade execution time 1.3 sec
slope
Bit 5
1 – fade execution time 0.65 sec
0 – fade control for WLED1… WLED4
fade_sel
Bit 4
1 – fade control for WLED5, WLED6
0 – automatic fade disabled
en_fade
Bit 3
1 – automatic fade enabled
0 – WLED1-4 and WLED5-6 are controlled separately
displ
Bit 2
1 – WLED1-4 and WLED5-6 are controlled with WLED1-4 controls
0 – WLED1…WLED4 disabled
en_w1_4
Bit 1
1 – WLED1…WLED4 enabled
0 – WLED5,WLED6 disabled
en_w5_6
Bit 0
1 – WLED5,WLED6 enabled
WLED1-4 (09H) – WLED1…WLED4 BRIGHTNESS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
wled1_4[7:0]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60