| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS8413-CS Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS8413-CS Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 38 page ![]() CS8413 CS8414 DS240F1 29 INT - Interrupt, PIN 14. Open drain output that can signal the state of the internal buffer memory as well as error information. A 5k Ω resistor to VD+ is typically used to support logic gates. All bits affecting INT are maskable to allow total control over the interrupt mechanism. Receiver Interface RXP, RXN - Differential Line Receivers, PINS 9, 10. RS422 compatible line receivers. Described in detail in Appendix A. Phase Locked Loop MCK - Master Clock, PIN 19. Low jitter clock output of 256 times the received sample frequency. FILT - Filter, PIN 20. An external 470 Ω resistor and 0.068µF capacitor are required from the FILT pin to analog ground. |