| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSC1122AI5 Datasheet(PDF) 6 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
DSC1122AI5 Datasheet(HTML) 6 Page - Micrel Semiconductor |
|
6 / 7 page ![]() ______________________________________________________________________________________________________________________________________________ DSC1102 | DSC1122 Page 6 MK-Q-B-P-D-110410-02-6 DSC1102 Low-Jitter Precision LVPECL Oscillator DSC1122 3.2 x 2.5 mm Plastic Package 1 2 3 4 6 5 3.2±0.05 [0.126±0.002] 2.5±0.05 [0.098±0.002] 1 2 3 4 6 5 0.5±0.05 [0.198±0.002] 0.9±0.05 [0.035±0.002] 1.05 [0.041] 0.7±0.1 [0.079±0.002] 0.1[0.004] REF 0.9 [0.035] REF 0.85±0.05 0.5 [0.197] 0.9 [0.035] 1 [ 0.039] 0.9 [0.035] REF 1 2 3 4 5 0.375 Via to Power Trace Via to Ground Plane No. Pin Terminal 1 Enable 2 N/C 3 Ground 4 5 OUT- 6 VDD OUT 6 EXTERNAL DIMENSIONS Units: mm [ inches] RECOMMENDED SOLDER PAD LAYOUT Units: mm [ inches] 2.5 x 2.0 mm Plastic Package 1 2 3 4 6 5 2.5±0.05 [0.098±0.002] 2.0±0.05 [0.079±0.002] 1 2 3 4 6 5 0.25±0.05 [0.099±0.002] 0.65±0.05 [0.026±0.002] 0.825 [0.032] 0.7±0.1 [0.079±0.002] 0.765±0.1 0.535 REF 0.6 REF 0.7±0.1 [0.079±0.002] 0.85±0.05 0.25±0.05 [0.099±0.002] 0.65±0.05 [0.026±0.002] 0.85 0.7 REF 1 2 3 4 5 6 0.375 Via to Power Trace Via to Ground Plane No. Pin Terminal 1 Enable 2 N/C 3 Ground 4 5 OUT- 6 VDD OUT EXTERNAL DIMENSIONS Units: mm [ inches] RECOMMENDED SOLDER PAD LAYOUT Units: mm [ inches] |