| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSC1122AE2 Datasheet(PDF) 3 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
DSC1122AE2 Datasheet(HTML) 3 Page - Micrel Semiconductor |
|
3 / 7 page ![]() ______________________________________________________________________________________________________________________________________________ DSC1102 | DSC1122 Page 3 MK-Q-B-P-D-110410-02-6 DSC1102 Low-Jitter Precision LVPECL Oscillator DSC1122 Nominal Performance Parameters (Unless specified otherwise: T=25° C, VDD=3.3 V) Power supply rejection ratio Phase jitter (integrated phase noise) Output Waveform Typical Termination Scheme -80 -70 -60 -50 -40 -30 -20 -10 0 0.1 1 10 100 1000 10000 Supply Noise Frequency (kHz) 50-mV 100-mV 0.0 0.5 1.0 1.5 2.0 2.5 0 200 400 600 800 1000 Low-end of integration BW: x kHz to 20 MHz 156MHz-LVPECL 212MHz-LVPECL 320MHz-LVPECL 410MHz-LVPECL VIL 1/ f o Output Enable tDA tEN tF tR VIH 80% 20% 50% Output 830 mv VDD 0.1uF 82 Ω 130 Ω 100 Ω 82 Ω 130 Ω VDD 2 3 4 5 6 |