Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSC1122AI1 Datasheet(PDF) 3 Page - Micrel Semiconductor

No. de pieza DSC1122AI1
Descripción Electrónicos  Low-Jitter Precision LVPECL Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1122AI1 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC1122AI1 Datasheet HTML 1Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 2Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 3Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 4Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 5Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 6Page - Micrel Semiconductor DSC1122AI1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1102 | DSC1122
Page 3
MK-Q-B-P-D-110410-02-6
DSC1102
Low-Jitter Precision LVPECL Oscillator
DSC1122
Nominal Performance Parameters (Unless specified otherwise: T=25° C, VDD=3.3 V)
Power supply rejection ratio
Phase jitter (integrated phase noise)
Output Waveform
Typical Termination Scheme
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
1000
10000
Supply Noise Frequency (kHz)
50-mV
100-mV
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
156MHz-LVPECL
212MHz-LVPECL
320MHz-LVPECL
410MHz-LVPECL
VIL
1/
f o
Output
Enable
tDA
tEN
tF
tR
VIH
80%
20%
50%
Output
830 mv
VDD
0.1uF
82
Ω
130
Ω
100
Ω
82
Ω
130
Ω
VDD
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com