| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSC1003AI2 Datasheet(PDF) 3 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
DSC1003AI2 Datasheet(HTML) 3 Page - Micrel Semiconductor |
|
3 / 7 page ![]() All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to implied warranties of merchantability or fitness for a particular use. Page 3 MK-Q-B-P-D-083010-01-4 DSC1003 1.8~3.3V Low-Power Precision Oscillator VDD = 1.8v VDD = 2.5v VDD = 3.3v Parameter Symbol Condition Min Typ Max Unit Supply Current, no load IDD CL=0p RL=∞ T=25°C 1MHz 27MHz 70MHz 150MHz 5.7 6.4 7.7 10.0 6.0 6.8 8.0 11.0 mA Output Logic Levels Output logic high Output logic low VOH VOL -6mA 6mA 0.8*VDD - - 0.2*VDD Volts Output Transition time Rise Time Fall Time tR tF CL=25pF; T=25°C 20%/80%*VDD 1.5 1.2 3 3 ns Output Transition time Rise Time Fall Time tR tF CL=25pF; T=25°C 10%/90%*VDD 2.6 1.9 4 4 ns Period Jitter Jp F = 100MHz3 10 15 ps rms Parameter Symbol Condition Min Typ Max Unit Supply Current, no load IDD CL=0p RL=∞ T=25°C 1MHz 27MHz 70MHz 150MHz 5.7 6.7 8.4 11.4 6.0 7.1 8.8 12.7 mA Output Logic Levels Output logic high Output logic low VOH VOL -6mA 6mA 0.8*VDD - - 0.2*VDD Volts Output Transition time Rise Time Fall Time tR tF CL=25pF; T=25°C 20%/80%*VDD 1.1 0.9 2 2 ns Output Transition time Rise Time Fall Time tR tF CL=25pF; T=25°C 10%/90%*VDD 1.9 1.5 3.5 3 ns Period Jitter Jp F = 100MHz3 5 10 ps rms Parameter Symbol Condition Min. Typ. Max. Unit Supply Current, no load IDD CL=0p RL=∞ T=25°C 1MHz 27MHz 70MHz 150MHz 5.7 7.0 9.1 13.1 6.0 7.4 9.6 15.0 mA Output Logic Levels Output logic high Output logic low VOH VOL -6mA 6mA 0.9*VDD - - 0.1*VDD Volts Output Transition time Rise Time Fall Time tR tF CL=25pF; T=25°C 20%/80%*VDD 1.1 0.9 2 2 ns Output Transition time Rise Time Fall Time tR tF CL=25pF; T=25°C 10%/90%*VDD 1.5 1.5 3 3 ns Period Jitter Jp F = 100MHz3 5 10 ps rms |