Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BM78 Datasheet(PDF) 49 Page - Microchip Technology

No. de pieza BM78
Descripción Electrónicos  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Datasheet(HTML) 49 Page - Microchip Technology

Back Button BM78 Datasheet HTML 45Page - Microchip Technology BM78 Datasheet HTML 46Page - Microchip Technology BM78 Datasheet HTML 47Page - Microchip Technology BM78 Datasheet HTML 48Page - Microchip Technology BM78 Datasheet HTML 49Page - Microchip Technology BM78 Datasheet HTML 50Page - Microchip Technology BM78 Datasheet HTML 51Page - Microchip Technology BM78 Datasheet HTML 52Page - Microchip Technology BM78 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
9.0
ORDERING INFORMATION
Table 9-1 provides the various SKUs of the BM78 module.
TABLE 9-1:
BM78 MODULE SKUS
Note:
Contact Microchip Sales office for information on Bluetooth 4.2 ROM variants of the BM78.
Device
Microchip IC
Antenna
Description
Shield
Regulatory Certification
Ordering Number
BM78SPPS5MC2
IS1678SM-151
On-board
BT4.2 Dual Mode, Class 2, Flash Variant
Yes
FCC, IC, CE, MIC, KCC, NCC,
JRF
BM78SPPS5MC2-0002AA
BM78SPP05MC2
IS1678SM-151
External
BT4.2 Dual Mode, Class 2, Flash Variant
No
No
BM78SPP05MC2-0002AA
BM78SPPS5NC2
IS1678S-152
On-board
BT4.2 Dual Mode, Class 2, ROM Variant
Yes
Planned
BM78SPPS5NC2-0002AA
BM78SPP05NC2
IS1678S-152
External
BT4.2 Dual Mode, Class 2, ROM Variant
No
No
BM78SPP05NC2-0002AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60