| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
25AA1024 Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25AA1024 Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 36 page ![]() 2007-2015 Microchip Technology Inc. DS20001836J-page 21 25AA1024 4.0 PACKAGING INFORMATION 4.1 Package Marking Information T/XXXNNN XXXXXXXX YYWW 8-Lead PDIP 8-Lead SOIJ T/XXXXXX XXXXXXXX YYWWNNN I/P 1L7 25AA1024 1509 Example: Example: I/SM 25AA1024 8-Lead DFN Example: XXXXXXX T/XXXXX YYWW 5AA1024 I/MF 1509 1L7 NNN 3 e 3 e 3 e 15091L7 Legend: XX...X Part number or part number code T Temperature (I, E) Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code (2 characters for small packages) JEDEC® designator for Matte Tin (Sn) Note : For very small packages with no room for the JEDEC® designator , the marking will only appear on the outer carton or reel label. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |