| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMP8602MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP8602MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 42 page ![]() C2 = 9 C1 2 C = 4 1 C C2 = C1 K2 1 C1 = 9Q R1Z0 = 1 C 4Q 0 1 Z R C = R1Zo Q C1 = (K2 1)Q R1Z0 22 LMP8601, LMP8601-Q1 LMP8602, LMP8602-Q1 LMP8603, LMP8603-Q1 SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016 www.ti.com Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Feature Description (continued) For instance, the value of Q can be set to 0.5 √2 to create a Butterworth response, to 1/√3 to create a Bessel response, or a 0.5 to create a critically damped response. After the value of R2 has been found, the second and last step of the design procedure is to calculate the required value of C to give the desired low-pass cut-off frequency using: (13) For the gain = 2, the result is: (14) The gain = 5 results in: (15) The gain = 10 gives: (16) For C2 the value is calculated with: (17) For a gain = 2: C2 = C1 (18) Or for a gain = 5: (19) And for a gain = 10: (20) Note that the frequency response achieved using this procedure is only accurate if the cut-off frequency of the second-order filter is much smaller than the intrinsic 60-kHz, low-pass filter. In other words, choose the frequency response of the LMP860x or LMP860x-Q1 circuit so that the internal poles do not affect the external second- order filter. 7.4 Device Functional Modes 7.4.1 Gain Adjustment The gain of the LMP860x and LMP860x-Q1 is fixed; however, the overall gain may be adjusted as the signal path between the two internal amplifiers is available on the A1 and A2 pins. |