| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD720122 Datasheet(PDF) 19 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD720122 Datasheet(HTML) 19 Page - NEC |
|
19 / 82 page ![]() Data Sheet S16685EJ2V0DS 19 µPD720122 2.5.3 Pin capacitance Parameter Symbol Conditions Min. Typ. Max. Unit Input capacitance CIN 4.5 6.5 pF Output/bidirectional capacitance COUT 8.5 11 pF Remark These are just estimated values. 2.5.4 Power consumption Parameter Symbol Conditions Min. Typ. Max. Unit VDD 195 273 mA PH HS mode AVDD 12 17 mA VDD 120 168 mA PF FS mode AVDD 12 17 mA VDD 1.5 2.2 mA PS1 Suspend mode 1 Note 1 AVDD 0.1 0.2 µA VDD 370 520 µA Power consumption PS2 Suspend mode 2 Note 2 AVDD 0.1 0.2 µA Notes 1. SND PHY Reg. SPND bit = 1 2. SND PHY Reg. SPND bit = 1 GPR Reg. CONNECTB bit = 0 GPR Reg. PUE bit = 0 BIU Control 0 Reg. OSC_DISCONB bit = 1 |