Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDRH8D43NP-R68NC Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CDRH8D43NP-R68NC
Descripción Electrónicos  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D43NP-R68NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH8D43NP-R68NC Datasheet HTML 1Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 2Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 3Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH8D43
Electrical Characteristics
※1. Inductance measuring conditions at 100kHz.
※2. Saturation current: The DC current at which the inductance decreases to 65% of its nominal value.
※3. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
0.8
1.3
360(290)
100
±30%
101
CDRH8D43NP-101NC
1.0
1.5
240(190)
68
±30%
680
CDRH8D43NP-680NC
1.3
1.8
150(120)
47
±30%
470
CDRH8D43NP-470NC
1.4
2.2
125(100)
33
±30%
330
CDRH8D43NP-330NC
1.8
2.6
75(60)
22
±30%
220
CDRH8D43NP-220NC
2.3
2.9
53(42)
15
±30%
150
CDRH8D43NP-150NC
3.2
4.0
36(29)
10
±30%
100
CDRH8D43NP-100NC
3.9
4.4
25(20)
6.8
±30%
6R8
CDRH8D43NP-6R8NC
4.1
5.6
22(17)
4.7
±30%
4R7
CDRH8D43NP-4R7NC
4.5
5.9
19(15)
3.9
±30%
3R9
CDRH8D43NP-3R9NC
5.5
7.0
14(11)
2.0
±30%
2R0
CDRH8D43NP-2R0NC
6.2
8.0
12.2(9.0)
1.2
±35%
1R2
CDRH8D43NP-1R2NC
6.9
9.0
9.5(7.0)
0.68
±35%
R68
CDRH8D43NP-R68NC
Temperature
Rise Current
(A)
※3
Saturation
Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name



Html Pages

1 2 3 4