| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DP83950BNU Datasheet(PDF) 45 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83950BNU Datasheet(HTML) 45 Page - National Semiconductor (TI) |
|
45 / 80 page ![]() 60 Hub Management Support (Continued) Out of Window Collision (OWC) The out of window colli- sion flag for a port goes active when a collision is experi- enced outside of the network slot time Partition (PART) This flag goes active when a port be- comes partitioned Bad Link (BDLNK) The flag goes active when a port is configured for 10BASE-T operation has entered the link lost state Short Event reception (SE) This flag goes active if the received packet is less than 74 bits long and no collision occurs during reception 63 MANAGEMENT INTERFACE OPERATION The HUB Management interface provides a mechanism to combine repeater status information with packet information to form a hub management status packet The interface a serial bus consisting of carrier sense received clock and received data is designed to connect one or multiple RIC’s over a backplane bus to a DP83932 ‘‘SONIC’’ network con- troller The SONIC and the RICs form a powerful entity for network statistics gathering The interface consists of four pins MRXC Management Receive Clock10 MHz NRZ Clock output MCRS Management Carrier SenseInputOutput indi- cating of valid data stream MRXD Management Receive DataNRZ Data output synchronous to MRXC PCOMP Packet CompressInput to truncate the pack- et’s data field The first three signals mimic the interface between an Ethernet controller and a phase locked loop decoder (spe- cifically the DP83932 SONIC and DP83910 SNI) these sig- nals are driven by the RIC receiving the packet MRXC and MRXD compose an NRZ serial data stream compatible with the DP83932 The PCOMP signal is driven by logic on the processor board The actual data stream transferred over MRXD is derived from data transferred over the IRD Inter- RIC bus line These two data streams differ in two important characteristics 1 At the end of packet repetition a hub management status field is appended to the data stream This status field consisting of 7 bytes is shown in Figure 61 and 62 The information field is obtained from a number of packet status registers described below In common with the 8023 protocol the least significant bit of a byte is trans- mitted first 2 While the data field of the repeated packet is being trans- ferred over the management bus received clock signals on the MRXC pin may be inhibited This operation is un- der the control of the Packet Compress pin PCOMP If PCOMP is asserted during repetition of the packet then MRXC signals are inhibited when the number of bytes (after SFD) transferred over the management bus equals the number indicated in the Packet Compress Decode Register This register provides a means to delay the ef- fect of the PCOMP signal which may be generated early in the packet’s repetition until the desired moment Pack- et compression may be used to reduce the amount of memory required to buffer packets when they are received and are waiting to be processed by hub management soft- ware In this kind of application an address decoder which forms part of the packet compress logic would monitor the address fields as they are received over the management bus If the destination address is not the address of the management node inside the hub then packet compression could be employed In this manner only the portion of the packet meaningful for hub management interrogation ie the address fields is transferred to the SONIC and is buff- ered in memory If the repeated packet ends before PCOMP is asserted or before the required number of bytes have been trans- ferred then the hub management status field is directly appended to the received data at a byte boundary If the repeated packet is significantly longer than the value in the Decode Register requires and PCOMP is asserted the status fields will be delayed until the end of packet repeti- tion During this delay period MRXC clocks are inhibited but the MCRS signal remains asserted Note If PCOMP is asserted late in the packet ie after the number of bytes defined by the packet compression register then packet compression will not occur The Management Interface may be fine tuned to meet the timing consideration of the SONIC and the access time of its associated packet memory This refinement may be per- formed in two ways 1 The default mode of operation of the Management inter- face is to only transfer packets over the bus which have a start of frame delimiter Thus ‘‘packets’’ that are only pre- amblejam and do not convey any source or destination address information are inhibited This filtering may be disabled by writing a logic zero to the Management Inter- face Configuration or ‘‘MIFCON’’ bit in the Management and Interrupt Configuration Register See Section 8 for details 2 The Management bus has been designed to accommo- date situations of maximum network utilization for exam- ple when collision generated fragments occur (these col- lision fragments may violate the IEEE8023 IFG specifica- tion) The IFG required by the SONIC is a function of the time taken to release space in the receive FIFO and to perform end of packet processing (write status informa- tion into memory) These functions are primarily memory operations and consequently depend upon the bus laten- cy and the memory access time of the system In order to allow the system designer some discretion in choosing the speed of this memory the RIC may be configured to protect the SONIC from a potential FIFO overflow This is performed by utilizing the Inter Frame Gap Threshold Se- lect Register The value held in this register plus one defines in net- work bit times the minimum allowed gap between frames on the management bus If the gap is smaller than this number then MCRS is asserted but MRXC clocks are in- hibited Consequently no data transfer is performed Thus the system designer may make the decision wheth- er to gather statistics on all packets even if they occur with very small IFGs or to monitor a subset The status field shown in Figure 61 contains information which may be conveniently analyzed by considering it as 45 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |