| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC101S101 Datasheet(PDF) 18 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC101S101 Datasheet(HTML) 18 Page - National Semiconductor (TI) |
|
18 / 23 page ![]() Applications Information (Continued) If CS goes low before the rising edge of SCLK, an additional (fourth) zero bit may be captured by the next falling edge of SCLK. 3.0 ADC121S101/101S101/081S101 TRANSFER FUNCTION The output format of the ADC121S101/101S101/081S101 is straight binary. Code transitions occur midway between suc- cessive integer LSB values. The LSB widths for the ADC121S101 is V DD / 4096; for the ADC101S101 the LSB width is V DD / 1024; for the ADC081S101, the LSB width is V DD / 256. The ideal transfer characteristic for the ADC121S101 and ADC101S101 is shown in Figure 6, while the ideal transfer characteristic for the ADC081S101 is shown in Figure 7. 20110211 FIGURE 7. ADC121S101/101S101 Ideal Transfer Characteristic 20110212 FIGURE 8. ADC081S101 Ideal Transfer Characteristic www.national.com 18 |