Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

No. de pieza LC
Descripción Electrónicos  LC Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARMA [Sharma Electro Components,Inc]
Página de inicio  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LC Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  LC Datasheet HTML 1Page - Sharma Electro Components,Inc LC Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL)/ MAX PERMISSIBLE RIPPLE CURRENT (RC (mArms) /100KHz,105℃)/
MAX IMPEDANCE (Z(Ω) / 100KHz,20℃)
160
200
250
SPEC
μF
ψDxL
RC
Z
ψDxL
RC
Z
ψDxL
RC
Z
10
10x20
300
3.5
22
10x20
415
1.52
10x20
440
1.50
13x20
480
2.3
33
10x20
565
1.30
13x20
590
0.91
13x25
630
1.7
47
13x20
725
0.91
13x20
780
0.91
13x25
630
1.7
68
13x25
970
0.63
13x25
950
0.63
16x26
1000
0.78
100
16x26
1280
0.27
16x26
1280
0.27
16x32
1400
0.63
220
16x32
1300
0.22
18x32
1700
0.22
18x40
1485
0.35
330
18x36
1700
0.22
350
400
450
SPEC
μF
ψDxL
RC
Z
ψDxL
RC
Z
ψDxL
RC
Z
3.3
10x12.5
120
8.5
4.7
10x12.5
165
6.5
10
10x20
100
3.0
10x20
180
2.9
13x20
315
2.5
22
13x20
270
2.1
13x25
300
1.35
16x26
570
1.7
33
13x25
600
1.0
16x26
600
0.95
16x32
620
1.1
47
16x26
700
0.75
16x32
700
0.75
18x32
900
0.93
100
18x32
1170
0.40
18x36
1250
0.34
Case Size / Max Ripple Current / Impedance
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2