Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCU877ZQLR Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza CDCU877ZQLR
Descripción Electrónicos  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCU877ZQLR Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCU877ZQLR Datasheet HTML 12Page - Texas Instruments CDCU877ZQLR Datasheet HTML 13Page - Texas Instruments CDCU877ZQLR Datasheet HTML 14Page - Texas Instruments CDCU877ZQLR Datasheet HTML 15Page - Texas Instruments CDCU877ZQLR Datasheet HTML 16Page - Texas Instruments CDCU877ZQLR Datasheet HTML 17Page - Texas Instruments CDCU877ZQLR Datasheet HTML 18Page - Texas Instruments CDCU877ZQLR Datasheet HTML 19Page - Texas Instruments CDCU877ZQLR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CDCU877RHAR
VQFN
RHA
40
2500
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
CDCU877RHAT
VQFN
RHA
40
250
180.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
CDCU877ZQLR
BGA MI
CROSTA
R JUNI
OR
ZQL
52
1000
330.0
16.4
4.8
7.3
1.5
8.0
16.0
Q1
CDCU877ZQLT
BGA MI
CROSTA
R JUNI
OR
ZQL
52
250
180.0
16.4
4.8
7.3
1.5
8.0
16.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CDCU877AGQLT
BGA MICROSTAR
JUNIOR
GQL
52
250
213.0
191.0
55.0
CDCU877ARHAR
VQFN
RHA
40
2500
367.0
367.0
38.0
CDCU877ARHAT
VQFN
RHA
40
250
210.0
185.0
35.0
CDCU877AZQLR
BGA MICROSTAR
JUNIOR
ZQL
52
1000
336.6
336.6
28.6
CDCU877AZQLT
BGA MICROSTAR
JUNIOR
ZQL
52
250
213.0
191.0
55.0
CDCU877GQLR
BGA MICROSTAR
JUNIOR
GQL
52
1000
336.6
336.6
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Sep-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24