Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7615EB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC7615EB
Descripción Electrónicos  Quad, Serial Input, 12-Bit, Voltage Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7615EB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7615EB Datasheet HTML 5Page - Texas Instruments DAC7615EB Datasheet HTML 6Page - Texas Instruments DAC7615EB Datasheet HTML 7Page - Texas Instruments DAC7615EB Datasheet HTML 8Page - Texas Instruments DAC7615EB Datasheet HTML 9Page - Texas Instruments DAC7615EB Datasheet HTML 10Page - Texas Instruments DAC7615EB Datasheet HTML 11Page - Texas Instruments DAC7615EB Datasheet HTML 12Page - Texas Instruments DAC7615EB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
®
DAC7615
THEORY OF OPERATION
The DAC7615 is a quad, serial input, 12-bit, voltage output
DAC. The architecture is a classic R-2R ladder configuration
followed by an operational amplifier that serves as a buffer.
Each DAC has its own R-2R ladder network and output op
amp, but all share the reference voltage inputs. The minimum
voltage output (“zero-scale”) and maximum voltage output
(“full-scale”) are set by external voltage references (VREFL
and VREFH, respectively). The digital input is a 16-bit serial
word that contains the 12-bit DAC code and a 2-bit address
code that selects one of the four DACs (the two remaining
bits are unused). The converter can be powered from a single
+5V supply or a dual
±5V supply. Each device offers a reset
function which immediately sets all DAC output voltages and
internal registers to either zero-scale (code 000H) or mid-scale
(code 800H). The reset code is selected by the state of the
RESETSEL pin (LOW = 000H, HIGH = 800H). See Figures
1 and 2 for the basic operation of the DAC7615.
ANALOG OUTPUTS
When VSS = –5V (dual supply operation), the output
amplifier can swing to within 2.25V of the supply rails,
over the –40
°C to +85°C temperature range. With V
SS = 0V
(single-supply operation), the output can swing to ground.
Note that the settling time of the output op amp will be
longer with voltages very near ground. Also, care must be
taken when measuring the zero-scale error when VSS = 0V.
If the output amplifier has a negative offset, the output
voltage may not change for the first few digital input codes
(000H, 001H, 002H, etc.) since the output voltage cannot
swing below ground.
The behavior of the output amplifier can be critical in some
applications. Under short-circuit conditions (DAC output
shorted to ground), the output amplifier can sink a great deal
more current than it can source. See the Specifications table
for more details concerning short circuit current.
FIGURE 1. Basic Single-Supply Operation of the DAC7615.
FIGURE 2. Basic Dual-Supply Operation of the DAC7615.
NOTE: (1) P and U package pin configurations shown. (2) As configured, RESET LOW sets all internal registers
to code 000
H (0V). If RESETSEL is HIGH, RESET LOW sets all internal registers to code 800H (1.25V).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADREG
LOADDACS
CS
CLK
SDI
GND
Reset DACs(2)
Update Selected Register
Update All DAC Registers
Chip Select
Clock
Serial Data In
DAC7615(1)
0.1
µF
0.1
µF
0V to +2.5V
1
µF to 10µF
+5V
+
0V to +2.5V
0V to +2.5V
0V to +2.5V
+2.500V
NOTE: (1) P and U package pin configurations shown. (2) As configured, RESET LOW sets all internal registers
to code 800
H (0V). If RESETSEL is LOW, RESET LOW sets all internal registers to code 000H (–2.5V).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADREG
LOADDACS
CS
CLK
SDI
GND
Reset DACs(2)
Update Selected Register
Update All DAC Registers
Chip Select
Clock
Serial Data In
DAC7615(1)
0.1
µF
0.1
µF
–2.5V to +2.5V
1
µF to 10µF
+5V
–5V
+
0.1
µF
1
µF to 10µF
+
–2.5V to +2.5V
–2.500V
0.1
µF
+2.500V
–2.5V to +2.5V
–2.5V to +2.5V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com