Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX574 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza 74LCX574
Descripción Electrónicos  OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX574 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LCX574 Datasheet HTML 2Page - STMicroelectronics 74LCX574 Datasheet HTML 3Page - STMicroelectronics 74LCX574 Datasheet HTML 4Page - STMicroelectronics 74LCX574 Datasheet HTML 5Page - STMicroelectronics 74LCX574 Datasheet HTML 6Page - STMicroelectronics 74LCX574 Datasheet HTML 7Page - STMicroelectronics 74LCX574 Datasheet HTML 8Page - STMicroelectronics 74LCX574 Datasheet HTML 9Page - STMicroelectronics 74LCX574 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74LCX574
6/13
Figure 4: Test Circuit
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 5: Waveform - Propagation Delays, Setup And Hold Times, Maximum CK Frequency
(f=1MHz; 50% duty cycle)
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V
tPZH, tPHZ
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13