Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX245 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza 74LCX245
Descripción Electrónicos  LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX245 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 74LCX245 Datasheet HTML 4Page - STMicroelectronics 74LCX245 Datasheet HTML 5Page - STMicroelectronics 74LCX245 Datasheet HTML 6Page - STMicroelectronics 74LCX245 Datasheet HTML 7Page - STMicroelectronics 74LCX245 Datasheet HTML 8Page - STMicroelectronics 74LCX245 Datasheet HTML 9Page - STMicroelectronics 74LCX245 Datasheet HTML 10Page - STMicroelectronics 74LCX245 Datasheet HTML 11Page - STMicroelectronics 74LCX245 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
74LCX245
8/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.1
0.30
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
12.60
13.00
0.496
0.512
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10.00
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
k0°
8°
0°
8°
ddd
0.100
0.004
SO-20 MECHANICAL DATA
0016022D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13