Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFE1203 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza AFE1203
Descripción Electrónicos  2Mbps, Single Pair HDSL ANALOG FRONT END
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AFE1203 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE1203_14 Datasheet HTML 4Page - Texas Instruments AFE1203_14 Datasheet HTML 5Page - Texas Instruments AFE1203_14 Datasheet HTML 6Page - Texas Instruments AFE1203_14 Datasheet HTML 7Page - Texas Instruments AFE1203_14 Datasheet HTML 8Page - Texas Instruments AFE1203_14 Datasheet HTML 9Page - Texas Instruments AFE1203_14 Datasheet HTML 10Page - Texas Instruments AFE1203_14 Datasheet HTML 11Page - Texas Instruments AFE1203_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
AFE1203
TIMING DIAGRAM
FIGURE 3. Timing Diagram.
RECEIVE TIMING
The rxSYNC signal controls portions of the A/D converter’s
decimation filter and the data output timing of the A/D
converter. It is generated at the symbol rate by the user and
must be synchronized with txCLK. The leading edge of
rxSYNC can occur at the leading edge of txCLK or it can be
shifted by the user in increments of 1/16 of a symbol period
to one of 15 discrete delay times after the leading edge of
txCLK.
RECEIVE OUTPUT DATA RATE
The receive channel delta-sigma A/D converter of the
AFE1203 uses a modulator which operates at an oversampling
rate of 24X the symbol rate. The A/D converter’s decimation
filter downsamples the modulator output by a factor of 12.
The bandwidth of the decimation filter is equal to one-half
the symbol rate. This yields two output words per symbol
period. These two output words are shown as Data 1 and
Data 1a in Figure 3. The specifications of the AFE1203
assume that one A/D converter output is used per symbol
period and the other output is ignored. The Receive Timing
diagram above suggests using the rising edge of the rxSYNC
pulse to read the first data output in a symbol period. Either
data output may be used. Both data outputs may be used for
more flexible post-processing.
t
tx1
t
tx2
t
tx1/4
t
tx1/2
nt
tx1/16 + 59ttx1/96
nt
tx1/16 + 11ttx1/96
Data 1
Data 1a
Data 2
3t
tx1/4
txCLK
Transmit Timing
txDAT
P (+3 Symbol)
txDAT
P (+1 Symbol)
txDAT
P (–1 Symbol)
txDAT
P (–3 Symbol)
rxSYNC
Receive Timing
rxD13 - rxD0
t
tx1/16 min
nt
tx1/16
5ns
5ns
NOTES: (1) Any transmit sequence not shown will result in a zero symbol. (2) All transitions are specified relative to the rising edge of
txCLK. (3) Maximum allowable error for any txDAT edge is
±t
tx1/12 (±72ns for single pair E1 rate). (4) txDATN is the inverse of txDATP.
(5) Both txDAT inputs are read by the AFE12 03 at 1/8, 3/8, and 5/8 of a symbol period from the rising edge of txCLK. (6) rxSYNC can
shift to one of 16 discrete delay times from the rising edge of txCLK. (7) It is recommended that rxD13 - rxD0 be read on the rising edge
of rxSYNC.
5ns
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com