| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS5292IPFPR Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5292IPFPR Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 67 page ![]() ADS5292 www.ti.com SLAS788B – NOVEMBER 2011 – REVISED JULY 2012 DESCRIPTION OF SERIAL REGISTERS POWER-DOWN MODES ADDR. D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME (HEX) 0F X X X X X X X X PDN_CH<8:1> X PDN_PARTIAL X PDN_COMPLETE X PDN_PIN_CFG Each of the 8 channels can be individually powered down. PDN_CH<N> controls the power-down mode for ADC channel <N>. In addition to channel-specific power-down, the ADS5292 also has two global power-down modes: 1. The partial power-down mode. It partially powers down the chip; recovery from this mode is faster in 5 µs, provided that the clock has been running for at least 50 µs before exiting this mode. 2. The complete power-down mode. It completely powers down the chip, and involves a much longer recovery time 100 µs. In addition to programming the chip in either of these two power-down modes (through either the PDN_PARTIAL or PDN_COMPLETE bits), the PD pin itself can be configured as either a partial power-down pin or a complete power-down pin control. For example, if PDN_PIN_CFG=0 (default), when the PD pin is high, the device enters complete power-down mode. However, if PDN_PIN_CFG=1, when the PD pin is high, the device enters partial power-down mode. LOW FREQUENCY NOISE SUPPRESSION MODE ADDR. D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME (HEX) 14 X X X X X X X X LFNS_CH<8:1> The low frequency noise suppression mode is specifically useful in applications where good noise performance is desired in the frequency band of 0 to 1 MHz (around DC). Setting this mode shifts the low-frequency noise of the ADS5292 to approximately Fs/2, thereby, moving the noise floor around DC to a much lower value. LFNS_CH<8:1> enables this mode individually for each channel. See Figure 38 and Figure 39. ANALOG INPUT INVERT ADDR. D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME (HEX) 24 X X X X X X X X INVERT_CH<8:1> Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 35 Product Folder Link(s) :ADS5292 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |