Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PEEP Datasheet(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION

No. de pieza PEEP
Descripción Electrónicos  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERITEK [MERITEK ELECTRONICS CORPORATION]
Página de inicio  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEP Datasheet(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION

  PEEP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor (Radial Type)
MERITEK
PEEP Series
b. Never lick the electrolyte of conductive polymer in capacitors. If the electrolyte is put on your
skin, wash it away carefully with soap.
c. The materials of seal rubber used for capacitors are flammable. If an adjacent component is
burned, seal rubber of the capacitors may burn. Take sufficient note on the installation
procedures and locations of capacitors and the pattern designs of printed circuit boards.
6. Storage
a. Store capacitors in an PEHA in the temperature range between 15
⁰C to 35⁰C and the relative
humidity of 75% or less without direct sunshine. In addition, store them in the package
states if possible.
b. Capacitors should be stored for up to one year to maintain their good soldering features and
characteristics.
c. Capacitors are recommended that you shall open the bag just before use and capacitors
shall be used up. If some quantity was not need, please seal it with adhesive tape.
d. Never store capacitors in any PEHA in which they are directly exposed to water, brine, oil or
in condensation status.
e. Never store capacitors in any PEHA filled with poisonous gases including hydrogen sulfide,
sulfurous acid, nitrous acid, chlorine, and ammonia.
f. Never store capacitors in any PEHA to which ultraviolet and/or radial rays are radiated.
7. Exhaustion of capacitors
Capacitors are composed of organic compounds, resins, and metals. Request an industrial
dispose company to dispose of used capacitors.
8. Package
The capacitors should be packed in the following quantities listed in the table below.
Case Size
PE bag
Inner box
Outer box
Ø6x6
500 pcs
12 bags
(6000 pcs)
5 inner boxes
(30000 pec)
Ø6x9
500 pcs
8 bags
(4000 pcs)
5 inner boxes
(20000 pec)
Ø8x9
500 pcs
6 bags
(3000 pcs)
5 inner boxes
(15000 pec)
Ø8x12
500 pcs
4 bags
(2000 pcs)
5 inner boxes
(10000 pec)
Ø10
500 pcs
4 bags
(2000 pcs)
5 inner boxes
(10000 pec)
Quantity of Package



Html Pages

1 2 3 4 5 6 7 8