| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPR1020CB Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPR1020CB Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() STPR1020CB/CG/CT/CF/CFP/CR 2/10 Symbol Parameters Test conditions Min. Typ. Max. Unit IR * Reverse leakage current Tj = 25°C VR =VRRM 50 µA Tj = 100°C 0.6 mA VF** Forward voltage drop Tj = 125 °CIF =5A 0.8 0.99 V Tj = 125 °CIF =10A 0.95 1.20 Tj = 25°C IF =10A 1.25 Pulse test : * tp=5ms, δ <2% ** tp = 380 µs, δ <2% To evaluate the conduction losses use the following equation : P=0.78xIF(AV) + 0.042 x IF 2 (RMS) STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol Test conditions Min. Typ. Max. Unit trr Tj = 25°C IF = 0.5A IR =1A Irr = 0.25A 30 ns tfr Tj =25 °CIF =1A VFR =1.1xVF max dIF/dt=50A/ µs20 ns VFP Tj =25 °CIF =1A dIF/dt=50A/ µs3 V RECOVERY CHARACTERISTICS Symbol Parameter Value Unit Rth (j-c) Junction to case TO-220AB / D 2PAK / DPAK I 2PAK Per diode 4.0 °C/W Total 2.4 ISOWATT220AB Per diode 6.0 Total 4.0 TO-220FPAB Per diode 6.5 Total 5 Rth (c) Coupling TO-220AB / D 2PAK / DPAK / I2PAK 0.7 ISOWATT220AB 2.0 TO-220FPAB 3.5 When diodes 1 and 2 are used simultaneously : ∆ Tj(diode 1) = P(diode 1) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c) THERMAL RESISTANCES |