| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
296UG503C1N Datasheet(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
296UG503C1N Datasheet(HTML) 2 Page - CTS Corporation |
|
2 / 2 page ![]() RESIST TOL A – ±10% B – ±20% C – ±30% TERMINAL STYLE X – PC U – PC FORMED TO REAR H – HOOK SHAFTS AVAILABLE (ALL SHAFTS .236"Dia.(6.0mm) except "E" - Diameter is .240" (6 .1mm) LENGTH BEYOND COVER A- .640"(16.3mm) FLATTED .472"X.177"(12X4.5mm) Ordering Information XM 296RE/ HM 296RE Molded Shaft, Shaft Parallel to P.C. Board UM 296RE Molded Shaft, Shaft Perpendicular to P.C. Board 296 X B 252 B 2 N DIMENSION: TAPER 1 – LINEAR 2 – 10% AUD 3 – 10% CCW AUD DETENT N – NO DETENT C – CENTER DETENT RESISTANCE CODE EXAMPLES CODE RESISTANCE 501 500 OHMS 102 1K 252 2.5K 502 5K 103 10K 253 25K 503 50K 104 100K H Terminal Style X Terminal Style B- .840"(21.3mm) FLATTED .472"X.177"(12X4.5mm) C-1.031"(26.2mm) FLATTED .472"X.177"(12X4.5mm) D- .540"(13.7mm) KNURLED .287"X 18T (7.3mmX18T) E- .265"( 6.7mm) FLATTED .218"X .204"(5.5X5.2mm) .071 .071 .394 .492 12.5 13.0 .598 15.2 .512 1.8 .075±.04 1.9±0.1 .118±.04 .161 4.1 3.0±0.1 .118±.04 4.1 .161 1.9±0.1 3.0±0.1 .075±.04 1.8 .040 ±.031 1.00 .248 ±0.8 6.3 .248 1.00 .040 6.3 4.0 .148±.002 3.75±0.05 .157 0.9±0.1 .035±.004 Ø1.30 Ø .051 -.000 +.004 -0.00 +0.10 .148±.002 3.75±0.05 10.00 .646 16.4 6.4 .252 .118±.004 3.00±0.10 .083±.004 2.10±0.10 .283±.004 7.20±0.10 .063±.003 1.60±0.08 TYP.(2) .283±.004 7.20±0.10 2.54 10.00±0.1 .394±.004 .100 .016±.01 0.40±.0.03 8.7 .342 .063±.003 1.60±0.08 1.00 .040 6.4 .252 CENT. .492 12.5 .148±.002 -.000 +.004 3.75±0.05 .148±.002 Ø1.30 -0.00 Ø.051 +0.10 3.75±0.05 10.00±0.10 .394±.004 .217±.002 .217±.002 5.50±0.05 .106 2.70 -0.00 +.006 -.000 +0.15 5.50±0.05 CENT. TRIM 2 - 2 © 2009 CTS Corporation. All rights reserved. Information subject to change. 2/06/09 CTS Electrocomponents www.ctscorp.com F- .640"(16.3mm) FLATTED .276"X .177"(7X4.5mm) G- .717"(18.2mm) FLATTED .276"X .177"(7X4.5mm) H-1.035"(26.3mm) FLATTED .276"X .177"(7X4.5mm) L ±.031 ±0.8 L DIMENSION AND TOLERANCE UNLESS OTHERWISE SPECIFIED .X (1 PLACE) : .XX (2 PLACE) : ANGLE : ±5° TYP.(2) ±.031 ±0.8 L TYP.(2) TYP.(3) TYP.(3) Ø 6.00±0.15 Ø.236±.006 ±.012 ±0.3 ±.005 ±0.13 Ø 6.00±0.15 Ø.236±.006 TYP.(3) inch mm |