Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COP8SCR9 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8SCR9
Descripción Electrónicos  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COP8SCR9 Datasheet HTML 18Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 19Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 20Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 21Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 22Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 23Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 24Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 25Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
10.0 Functional Description
(Continued)
RANDOM after RESET at power-on
T2CNTRL: CLEARED
T3CNTRL: CLEARED
HSTCR: CLEARED
ITMR: Cleared except Bit 6 (HSON) = 1
Accumulator, Timer 1, Timer 2 and Timer 3:
RANDOM after RESET
WKEN, WKEDG: CLEARED
WKPND: RANDOM
SP (Stack Pointer):
Initialized to RAM address 06F Hex
B and X Pointers:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
S Register: CLEARED
RAM:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
USART:
PSR, ENU, ENUR, ENUI: Cleared except the TBMT bit
which is set to one.
ISP CONTROL:
ISPADLO: CLEARED
ISPADHI: CLEARED
PGMTIM: PRESET TO VALUE FOR 10 MHz CKI
WATCHDOG (if enabled):
The device comes out of reset with both the WATCH-
DOG logic and the Clock Monitor detector armed, with
the WATCHDOG service window bits set and the
Clock Monitor bit set. The WATCHDOG and Clock
Monitor circuits are inhibited during reset. The
WATCHDOG service window bits being initialized high
default to the maximum WATCHDOG service window
of 64k T0 clock cycles. The Clock Monitor bit being
initialized high will cause a Clock Monitor error follow-
ing reset if the clock has not reached the minimum
specified frequency at the termination of reset. A Clock
Monitor error will cause an active low error output on
pin G1. This error output will continue until 16–32 T0
clock cycles following the clock frequency reaching the
minimum specified value, at which time the G1 output
will go high.
10.7.1 External Reset
The RESET input when pulled low initializes the device. The
RESET pin must be held low for a minimum of one instruc-
tion cycle to guarantee a valid reset. During Power-Up ini-
tialization, the user must ensure that the RESET pin of a
device without the Brownout Reset feature is held low until
the device is within the specified V
CC voltage. Any rising
edge on the RESET pin while V
CC is below the specified
operating range may cause unpredictable results. An R/C
circuit on the RESET pin with a delay 5 times (5x) greater
than the power supply rise time is recommended. Reset
should also be wide enough to ensure crystal start-up upon
Power-Up.
RESET may also be used to cause an exit from the HALT
mode.
A recommended reset circuit for this device is shown in
Figure 9.
10.7.2 On-Chip Brownout Reset
When enabled, the device generates an internal reset as
V
CC rises. While VCC is less than the specified brownout
voltage (V
bor), the device is held in the reset condition and
the Idle Timer is preset with 00Fx (240–256 t
C). When VCC
reaches a value greater than V
bor, the Idle Timer starts
counting down. Upon underflow of the Idle Timer, the internal
reset is released and the device will start executing instruc-
tions. This internal reset will perform the same functions as
external reset. Once V
CC is above the Vbor and this initial Idle
Timer time-out takes place, instruction execution begins and
the Idle Timer can be used normally. If, however, V
CC drops
below the selected V
bor, an internal reset is generated, and
the Idle Timer is preset with 00Fx. The device now waits until
V
CC is greater than Vbor and the countdown starts over.
When enabled, the functional operation of the device, at
frequency, is guaranteed down to the V
bor level.
One exception to the above is that the brownout circuit will
insert a delay of approximately 3 ms on power up or any time
the V
CC drops below a voltage of about 1.8V. The device will
be held in Reset for the duration of this delay before the Idle
Timer starts counting the 240 to 256 t
C. This delay starts as
soon as the V
CC rises above the trigger voltage (approxi-
mately 1.8V). This behavior is shown in Figure 10.
10138912
FIGURE 9. Reset Circuit Using External Reset
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80