| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMCM-1630 Datasheet(PDF) 17 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
|
|||||||||||||||||||||||||||||
TMCM-1630 Datasheet(HTML) 17 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
17 / 18 page ![]() TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03) 17 www.trinamic.com 8.1.3 hallFX™ - hall sensor feedback hallFX™ provides emulated hall sensor signals. The emulated hall sensor signals are available without a phase shift and there is no error-prone PLL necessary, like with many other systems, nor is the knowledge of special motor parameters required. Since it is based on the motors’ back-EMF, a minimum motor velocity is required to get a valid signal. Therefore, the motor needs to be started without feedback, until the velocity is high enough to generate a reliable hallFX™ signal. Please refer to the TMCM-1630 Firmware Manual for further information about using hallFX™. Figure 8.2: hallFX™ block diagram and timing A switched capacitor filter for each coil supplies the measured effective coil voltages. Its filter frequency can be adapted to the chopper frequency and the desired maximum motor velocity. An induction pulse suppressor unit gates the commutation spikes which result from the inductive behavior of the motor coils after switching off the current. The gating time can be adapted by an external capacitor to fit the motor inductivity and its (maximum) velocity. Low pass LPU Low pass LPV Low pass LPW PSG E1 E3 E2 ULP VLP WLP Position signal generation (PSG) Induction pulse supressor (IPS) IPS E1 E2 E3 U V W H1 H2 H3 D BM1 H1 D H2 D H3 BM2 BM3 A SP_SUP 30k A 30k A 30k A CSUP D Switch Cap filters ENRS_TEST |