Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HO15-NP-SP2012 Datasheet(PDF) 12 Page - LEM

No. de pieza HO15-NP-SP2012
Descripción Electrónicos  Current Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEM [LEM]
Página de inicio  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NP-SP2012 Datasheet(HTML) 12 Page - LEM

Back Button HO15-NP-SP2012 Datasheet HTML 8Page - LEM HO15-NP-SP2012 Datasheet HTML 9Page - LEM HO15-NP-SP2012 Datasheet HTML 10Page - LEM HO15-NP-SP2012 Datasheet HTML 11Page - LEM HO15-NP-SP2012 Datasheet HTML 12Page - LEM HO15-NP-SP2012 Datasheet HTML 13Page - LEM HO15-NP-SP2012 Datasheet HTML 14Page - LEM HO15-NP-SP2012 Datasheet HTML 15Page - LEM HO15-NP-SP2012 Datasheet HTML 16Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Page 12/16
18February2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NP-0000 SERIES
Application information
Total primary resistance
The primary resistance is 0.36 mΩ per conductor at 25 °C.
In the following table, examples of primary resistance according to the number of primary turns.
Definition of typical, minimum and maximum values
Minimum and maximum values for specified limiting and safety conditions have to be understood as such as well as values
shown in “typical” graphs.
On the other hand, measured values are part of a statistical distribution that can be specified by an interval with upper and lower
limits and a probability for measured values to lie within this interval.
Unless otherwise stated (e.g. “100 % tested”), the LEM definition for such intervals designated with “min” and “max” is that the
probability for values of samples to lie in this interval is 99.73 %.
For a normal (Gaussian) distribution, this corresponds to an interval between -3 sigma and +3 sigma. If “typical” values are not
obviously mean or average values, those values are defined to delimit intervals with a probability of 68.27 %, corresponding to
an interval between -sigma and +sigma for a normal distribution.
Typical, maximal and minimal values are determined during the initial characterization of a product.
Remark
Installation of the transducer must be done unless otherwise specified on the datasheet, according to LEM Transducer Generic
Mounting Rules. Please refer to LEM document N°ANE120504 available on our Web site:
Products/Product Documentation.
Number of
primary turns
Primary resistance
current rms
R
P [ mΩ ]
Recommended connections
Primary nominal current
I
PN [ A ]
1
0.12
13
12
11
OUT
8
15
25
IN
8
9
10
2
0.54
13
12
11
OUT
4
7.5
12.5
IN
8
9
10
3
1.18
13
12
11
OUT
2.67
5
8.33
IN
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com