Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX16122 Datasheet(PDF) 2 Page - Maxim Integrated Products

No. de pieza MAX16122
Descripción Electrónicos  Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16122 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16122 Datasheet HTML 1Page - Maxim Integrated Products MAX16122 Datasheet HTML 2Page - Maxim Integrated Products MAX16122 Datasheet HTML 3Page - Maxim Integrated Products MAX16122 Datasheet HTML 4Page - Maxim Integrated Products MAX16122 Datasheet HTML 5Page - Maxim Integrated Products MAX16122 Datasheet HTML 6Page - Maxim Integrated Products MAX16122 Datasheet HTML 7Page - Maxim Integrated Products MAX16122 Datasheet HTML 8Page - Maxim Integrated Products MAX16122 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
(All pins referenced to GND)
VCC..........................................................................-0.3V to +6V
RESET, SRESET to GND
Open-Drain..............................................................-0.3V to +6V
Push-Pull .................................................. -0.3V to (VCC + 0.3V)
MR, MR1, MR2........................................................-0.3V to +6V
SEL..........................................................................-0.3V to +6V
Input/Output Current (all pins)............................................20mA
Continuous Power Dissipation (TA = +70°C) (Multilayer Board)
WLP (derate 10.5mW/°C above +70°C) ......................840mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Soldering Temperature (reflow).......................................+260°C
WLP
Junction-to-Ambient Thermal Resistance (θJA) ..........95°C/W
(Note 1)
(VCC = 1.6V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
RESET state guaranteed for VCC ≥ 0.95V
1.6
5.5
V
VCC Undervoltage Lockout
VCCUVLO
1.25
1.55
V
VCC Supply Current
ICC
VCC = 5V, steady-state condition; MR,
MR1, MR2, RESET, and SRESET not
asserted
8
10
µA
Supply Current with Oscillator
Running
ICC2
VCC = 3V
5
10
µA
VCC Reset Threshold
VTH
VCC falling
-2.5%
VTH
+2.5%
V
VCC Reset Threshold Hysteresis
VHYST
2
%
Reset Threshold Tempco
30
ppm/°C
VCC to RESET Output Delay
tD
VCC falling at 10mV/µs from
(VTH + 100mV) to (VTH - 100mV)
10
µs
Reset Timeout Period
tRP
See Table 2
-10
tRP
+10
%
Manual Reset Setup Delay
tSU
Internal timing (see Tables 1a, 1b, 1c)
-10
tSU
+10
%
Debounce Period
tDB
18
20
22
ms
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com