| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM74LS125A Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS125A Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6387 June 1989 54LS125ADM54LS125ADM74LS125A Quad TRI-STATE Buffers General Description This device contains four independent gates each of which performs a non-inverting buffer function The outputs have the TRI-STATE feature When enabled the outputs exhibit the low impedance characteristics of a standard LS output with additional drive capability to permit the driving of bus lines without external resistors When disabled both the output transistors are turned off presenting a high-imped- ance state to the bus line Thus the output will act neither as a significant load nor as a driver To minimize the possibility that two outputs will attempt to take a common bus to oppo- site logic levels the disable time is shorter than the enable time of the outputs Features Y Alternate MilitaryAerospace device (54LS125) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6387 – 1 Order Number 54LS125ADMQB 54LS125AFMQB 54LS125ALMQB DM54LS125AJ DM54LS125AW DM74LS125AM or DM74LS125AN See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e A Inputs Output AC Y LL L HL H X H Hi-Z H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level Hi-Z e TRI-STATE (Outputs are disabled) TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - DM74LS125A |
|
Descripción similar - DM74LS125A |