Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSK5061RH Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

No. de pieza MSK5061RH
Descripción Electrónicos  RAD HARD LOW VOLTAGE 10A SWITCHING REGULATOR WITH CURRENT SHARE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MSK [M.S. Kennedy Corporation]
Página de inicio  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5061RH Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK5061RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
APPLICATION NOTES
PIN FUNCTIONS
VIN – The VIN pins are the input supply pins for all of
the internal circuitry. High di/dt switching currents are
conducted through these pins. Locally decouple VIN to
PGND with a mix high frequency ceramic capacitors and
low ESR tantalum. Provide sufficient bulk capacitance
to ensure a low impedance buss and limit input voltage
ripple.
PGND – The PGND pins connect to the internal power
ground plane. High di/dt switching currents are conduct-
ed through these pins. Provide a continuous low imped-
ance ground path between the MSK5061RH PGND, the
input supply return, and the load. Avoid layouts that force
load return current to cross the AGND reference path.
VOUT – The VOUT pins are connected to the internal
output inductor. Connect VOUT as close as possible to
the load to minimize bus impedance. Connecting 500 to
1000µF low ESR bulk capacitance to VOUT is typical-
ly sufficient to ensure stable operation. Some ceramic
capacitance near the load is typically required to roll off
high frequency gain, suppress switching noise and fast
load transients. A mix of high frequency ceramic capaci-
tors and low ESR tantalum are recommended. See Out-
put Capacitor Selection paragraph.
AGND – The AGND pin provides a low noise signal ref-
erence for the internal control circuitry. For optimum reg-
ulation performance, connect AGND and PGND together
near the ground side of the load.
PGND1/CASE – This pin is electrically connected to the
MSK5061RH case and PGND.
FB – The FB pin is the inverting input to the error ampli-
fier. The voltage at this pin and the 0.6V reference volt-
age are used to servo to current control loop set point.
Place a resistor divider between VOUT and AGND near
the load, and connect the FB pin to the center node to
program the output voltage. See Output Voltage Selec-
tion paragraph.
REF – The REF pin is the internal 0.6V reference voltage
used in several circuit functions. The reference voltage is
pined out for current sharing applications. When apply-
ing the 2 phase current sharing functionality, connect the
REF pins of the master and slave MSK5061RHs through
a 10Ω resistor. This pin must not be otherwise loaded.
FSEL – The FSEL pin is used to program the Switching
frequency of the MSK5061RH. Connect to VIN for 1MHz
or to PGND for 500KHz operation.
PORSEL – The PORSEL pin is used to program the power
on reset thresholds of the MSK5061RH. Connect to VIN
for a 5V nominal input bus, or PGND for a 3.3V nominal
input bus. Connect to PGND for a input bus that varies
from 3V to 5.5V.
SS – The Soft Start pin provides control of turn on surge
currents and enables coincident or ratiometric tracking
functionality. A 23µA current source charges the internal
SS capacitor and sets the output ramp rate to approxi-
mately 2.6mS. Connect additional capacitance to reduce
the output ramp rate. In 2 phase current sharing applica-
tions, the slave ramp rate should be at least twice that of
the master. Further application guidance is provided in the
Start Up Considerations section.
EN – The EN pin provides hysteretic on/off control of the
regulator. Driving this pin above 0.6V enables the regula-
tor. Programmable hysteresis is realized with an 11µA cur-
rent sink that is active until the pin voltage exceeds VREF.
Bypass with a capacitor to ground when controlling from a
high impendence source. See the applications section for
further guidance.
PGOOD – The PGOOD pin is a high impedance logic out-
put that is pulled low when the regulators output voltage is
outside of a ±11% typical window. This status flag can be
used for supply sequencing and fault detection.
M/S – The M/S input pin determines the function of the
bidirectional SYNC pin. Connect M/S to VIN for Master
mode, where the SYNC pin is the master oscillator output.
Connect M/S to PGND for Slave mode, where SYNC be-
comes an input.
SYNC – When SYNC is configured as an output, M/S = VIN,
this pin drives the SYNC pin input of another MSK5061RH
with a square wave that is phase shifted ≈180° from the
Master clock driving the Master PWM circuits. When con-
figured as an input, M/S = PGND, this pin uses the SYNC
output from another MSK5061RH or an external clock to
clock the PWM circuitry. If synchronizing to an external
clock, the clock must be SEE hardened and the frequency
must be within the range of 400kHz to 1.2MHz.
4
PRELIMINARY Rev. B 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com