| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZR36060PQC Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZR36060PQC Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 46 page ![]() 14 Integrated JPEG CODEC 4.0 HOST INTERFACE The host interface is a generic interface with an 8-bit bidirectional data bus, 2-bit address bus (that indirectly maps a 1Kbyte internal memory space), RD, WR, CS, and ACK pins. It supports glueless interface to most microprocessors, microcontrollers, and buses like the ISA. When the Code interface is configured in Slave mode (see section 5.0 “Code Interface”) some of the ZR36060 Host inter- face pins have dual functions, as can be seen in Figure 15: In this example SImgPol = SImgDat = VCLKPol = 0. In this example SUBIMG is connected to POE to float the ZR36060 video bus. SUBIMG changes state with resolution of one VCLK and at the rising edge of VCLKx2, in both 8-bit and 16-bit mode. In 8-bit mode, the first pixel is enabled 2 VCLKx2 after SUBIMG changes state, and the last pixel is disabled 1 VCLKx2 after SUBIMG changes. In 16-bit mode, the first pixel is enabled 3 VCLKx2 after SUBIMG changes state (this causes the first pixel from the ZR36060 appear on the bus for 0.5 VCLK instead of a complete VCLK period). The last pixel is disabled 1 VCLKx2 after SUBIMG changes, to avoid contention. This timing was chosen to match the characteristics of the SAA7110. Figure 14. SUBIMG and POE timing during decompression, shown for 8- and 16-bit video VCLKx2 VCLK Y[7:0] from ZR36060 SUBIMG (POE) 8-Bit Video Interface 1 2 3 4 5 6 7 8 9 10 11 U2 Y2 12 13 2 VCLKx2 Y[7:0] External u0 y0 v4 y5 u6 16-Bit Video Interface Y[7:0] from ZR36060 UV[7:0] from ZR36060 SUBIMG (POE) Y[7:0] External (SAA7110) UV[7:0] External (SAA7110) Notes: V2 Y3 U4 1 VCLKx2 y6 Y2 Y3 U2 V2 3 VCLKx2 1 VCLKx2 Sampled by SAA7110 Sampled by SAA7110 y0 y1 y5 y6 u0 v1 v4 u6 1. 2. 3. 4. 5. CODE[7:0] CCS COE CWE CBUSY ACK CS WR RD DATA[7:0] ADDR[1:0] ZR36060 a) Code Master Mode, 8-Bit Code Bus Figure 15. The Various Code Interface Modes and the Host Interface Code Only Host Only CBUSY ACK CS WR RD DATA[7:0] ADDR[1:0] ZR36060 b) Code Slave Mode, 8-Bit Code Bus Code/Host Shared CODE[7:0] CBUSY ACK CS WR RD DATA[7:0] ADDR[1:0] ZR36060 c) Code Slave Mode, 16-Bit Code Bus Code (Data Bus Extension) Code Code/Host Shared |