| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VT82C42 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C42 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 13 page ![]() VIA Technologies, Inc. VT82C42 -11- J K M L O P N Fig 12. 40-Pin P-DIP Table 6. Dimension Minimum Typical Maximum Units A 2.040 2.050 2.060 inches B 1.530 1.540 1.550 inches C 0.065 0.070 0.075 inches D 0.546 0.550 0.554 inches D1 0.550 0.554 0.558 inches D2 0.130 0.150 0.170 inches E 0.600 0.612 0.624 inches F 0.630 0.650 0.670 inches G - 0.010 - inches H 0.066 0.070 0.074 inches I - - 0.310 inches J 0.015 - - inches K - - 0.100 inches L 0.016 0.018 0.02 inches M - 0.050 - inches N - 0.015 - inches O - 0.007 - inches P 0.030 0.035 0.040 inches A B C E F G D D1 H H I D2 0.01 |